Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7032 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 17Page - Renesas Technology Corp SH7032 Datasheet HTML 18Page - Renesas Technology Corp SH7032 Datasheet HTML 19Page - Renesas Technology Corp SH7032 Datasheet HTML 20Page - Renesas Technology Corp SH7032 Datasheet HTML 21Page - Renesas Technology Corp SH7032 Datasheet HTML 22Page - Renesas Technology Corp SH7032 Datasheet HTML 23Page - Renesas Technology Corp SH7032 Datasheet HTML 24Page - Renesas Technology Corp SH7032 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 687 page
background image
Rev. 7.00 Jan 31, 2006 page xxi of xxvi
13.4 SCI Interrupt Sources and the DMAC .............................................................................. 407
13.5 Usage Notes ...................................................................................................................... 407
Section 14 A/D Converter................................................................................................. 411
14.1 Overview........................................................................................................................... 411
14.1.1 Features................................................................................................................ 411
14.1.2 Block Diagram ..................................................................................................... 412
14.1.3 Configuration of Input Pins.................................................................................. 413
14.1.4 Configuration of A/D Registers ........................................................................... 414
14.2 Register Descriptions ........................................................................................................ 414
14.2.1 A/D Data Registers A–D (ADDRA–ADDRD).................................................... 414
14.2.2 A/D Control/Status Register (ADCSR)................................................................ 415
14.2.3 A/D Control Register (ADCR)............................................................................. 417
14.3 CPU Interface.................................................................................................................... 418
14.4 Operation........................................................................................................................... 420
14.4.1 Single Mode (SCAN = 0)..................................................................................... 420
14.4.2 Scan Mode (SCAN = 1) ....................................................................................... 422
14.4.3 Input Sampling Time and A/D Conversion Time ................................................ 424
14.4.4 A/D Conversion Start by External Trigger Input ................................................. 425
14.5 Interrupts and DMA Transfer Requests ............................................................................ 425
14.6 Definitions of A/D Conversion Accuracy ......................................................................... 426
14.7 A/D Converter Usage Notes.............................................................................................. 427
14.7.1 Setting Analog Input Voltage............................................................................... 427
14.7.2 Handling of Analog Input Pins ............................................................................ 427
14.7.3 Switchover between Analog Input and General Port Functions........................... 428
Section 15 Pin Function Controller (PFC) ................................................................... 429
15.1 Overview........................................................................................................................... 429
15.2 Register Configuration ...................................................................................................... 431
15.3 Register Descriptions ........................................................................................................ 431
15.3.1 Port A I/O Register (PAIOR)............................................................................... 431
15.3.2 Port A Control Registers (PACR1 and PACR2) .................................................. 432
15.3.3 Port B I/O Register (PBIOR) ............................................................................... 437
15.3.4 Port B Control Registers (PBCR1 and PBCR2)................................................... 438
15.3.5 Column Address Strobe Pin Control Register (CASCR) ..................................... 444
Section 16 I/O Ports (I/O) ................................................................................................. 447
16.1 Overview........................................................................................................................... 447
16.2 Port A................................................................................................................................ 447
16.2.1 Register Configuration......................................................................................... 447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com