Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7101 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 35Page - Renesas Technology Corp SH7101 Datasheet HTML 36Page - Renesas Technology Corp SH7101 Datasheet HTML 37Page - Renesas Technology Corp SH7101 Datasheet HTML 38Page - Renesas Technology Corp SH7101 Datasheet HTML 39Page - Renesas Technology Corp SH7101 Datasheet HTML 40Page - Renesas Technology Corp SH7101 Datasheet HTML 41Page - Renesas Technology Corp SH7101 Datasheet HTML 42Page - Renesas Technology Corp SH7101 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 486 page
background image
1. Overview
Rev.2.00 Sep. 27, 2007 Page 5 of 448
REJ09B0394-0200
1.4
Pin Functions
Table 1.1
Pin Functions
Type
Symbol
I/O
Name
Function
VCC
Input
Power supply
Power supply pins. Connect all these pins
to the system power supply. The chip does
not operate normally when some of these
pins are open.
VSS
Input
Ground
Ground pins. Connect all these pins to the
system power supply (0 V). The chip does
not operate normally when some of these
pins are open.
Power
Supply
VCL
Output
Power supply
for internal
power-down
External capacitance pins for internal
power-down power supply. Connect these
pins to VSS via a 0.47
μF (–10%/+100%)
capacitor (placed close to the pins).
Clock
PLLVCL
Output
Power supply
for PLL
External capacitance pin for internal
power-down power supply for an on-chip
PLL oscillator. Connect this pin to PLLVSS
via a 0.47
μF (–10%/+100%) capacitor
(placed close to the pin).
PLLVSS
Input
Ground for
PLL
On-chip PLL oscillator ground pin.
PLLCAP
Input
Capacitance
for PLL
External capacitance pin for an on-chip
PLL oscillator.
EXTAL
Input
External clock
For connection to a crystal resonator. (An
external clock can be supplied from the
EXTAL pin.) For examples of crystal
resonator connection and external clock
input, see section 4, Clock Pulse
Generator.
XTAL
Input
Crystal
For connection to a crystal resonator. For
examples of crystal resonator connection
and external clock input, see section 4,
Clock Pulse Generator.
Operating
mode control
MD3 to MD0
Input
Set the mode
Set the operating mode. Inputs at these
pins should not be changed during
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com