Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7101 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 45Page - Renesas Technology Corp SH7101 Datasheet HTML 46Page - Renesas Technology Corp SH7101 Datasheet HTML 47Page - Renesas Technology Corp SH7101 Datasheet HTML 48Page - Renesas Technology Corp SH7101 Datasheet HTML 49Page - Renesas Technology Corp SH7101 Datasheet HTML 50Page - Renesas Technology Corp SH7101 Datasheet HTML 51Page - Renesas Technology Corp SH7101 Datasheet HTML 52Page - Renesas Technology Corp SH7101 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 486 page
background image
2. CPU
Rev.2.00 Sep. 27, 2007 Page 15 of 448
REJ09B0394-0200
2.2.4
Initial Values of Registers
Table 2.1 lists the values of the registers after reset.
Table 2.1
Initial Values of Registers
Classification
Register
Initial Value
R0 to R14
Undefined
General registers
R15 (SP)
Value of the stack pointer in the vector
address table
SR
Bits I3 to I0 are 1111 (H'F), reserved bits
are 0, and other bits are undefined
GBR
Undefined
Control registers
VBR
H'00000000
System registers
MACH, MACL, PR
Undefined
PC
Value of the program counter in the vector
address table
2.3
Data Formats
2.3.1
Data Format in Registers
Register operands are always longwords (32 bits). If the size of memory operand is a byte (8 bits)
or a word (16 bits), it is changed into a longword by expanding the sign-part when loaded into a
register.
31
0
Longword
Figure 2.2 Data Format in Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com