Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7641 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 32Page - Renesas Technology Corp 7641 Datasheet HTML 33Page - Renesas Technology Corp 7641 Datasheet HTML 34Page - Renesas Technology Corp 7641 Datasheet HTML 35Page - Renesas Technology Corp 7641 Datasheet HTML 36Page - Renesas Technology Corp 7641 Datasheet HTML 37Page - Renesas Technology Corp 7641 Datasheet HTML 38Page - Renesas Technology Corp 7641 Datasheet HTML 39Page - Renesas Technology Corp 7641 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 19 of 113
7641 Group
REJ09B0336-0200
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 14 Port block diagram (3)
HOLD
S1
HLDA
(13) Port P71
Data bus
Direction
register
Port latch
HOLD function enable bit
HOLD function
enable bit
(15) Port P73
IBF1 output enable bit
Data bus buffer function
select bit
HOLD function
enable bit
Direction
register
Port latch
IBF1 output
Data bus
(17) Port P80
Direction
register
Port latch
Data bus
SRDY output select bit
(UART2) Transmit enable bit
SRDY output
SPI mode select bit
SPI mode select bit
Control for SPI
compatible mode
(UART2) UTXD2 output
Data bus buffer function select bit
(14) Port P72
Data bus
Direction
register
Port latch
Data bus buffer
function select bit
Data bus buffer function select bit
(16) Port P74
Data bus
Direction
register
Port latch
OBF1 output enable bit
OBF1 output
(18) Port P81
Data bus
Direction
register
Port latch
(Serial I/O) Internal synchronous clock select bits
Serial I/O port select bit
(UART2) Receive enable bit
(UART2) Receive enable bit
(Serial I/O) Internal
synchronous clock
select bits
(UART2) Receive enable bit
(UART2) URXD2 input
Serial I/O clock input
Serial I/O clock output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com