Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7641 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 29Page - Renesas Technology Corp 7641 Datasheet HTML 30Page - Renesas Technology Corp 7641 Datasheet HTML 31Page - Renesas Technology Corp 7641 Datasheet HTML 32Page - Renesas Technology Corp 7641 Datasheet HTML 33Page - Renesas Technology Corp 7641 Datasheet HTML 34Page - Renesas Technology Corp 7641 Datasheet HTML 35Page - Renesas Technology Corp 7641 Datasheet HTML 36Page - Renesas Technology Corp 7641 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 16 of 113
7641 Group
REJ09B0336-0200
HARDWARE
FUNCTIONAL DESCRIPTION
Table 6 List of I/O port function
Name
Port P0
Port P1
Port P2
Input/Output
Input/Output,
individual bits
I/O format
CMOS input level
CMOS 3-state output
Non-port function
Lower address
output
Higher address
output
Data bus I/O
Related SFRs
CPU mode register A
Port control register
Ref. No.
(1)
P00/AB0–
P07/AB7
P10/AB8–
P17/AB15
P20/DB0–
P27/DB7
P60/DQ0–
P67/DQ7
Pin
(2)
CPU mode register A
Port control register
Port P2 pull-up control
register
CPU mode register A
CPU mode register B
Port control register
CPU mode register A
CPU mode register B
Port control register
Timer X mode register
Timer Y mode register
Interrupt polarity select register
CPU mode register A
Port control register
Clock control register
Timer 123 mode register
Data bus buffer control
register 0
Port control register
Control signal I/O
CMOS input level/VIHL
input level
CMOS 3-state output
Port P3
(1)
(3)
(4)
(5)
CMOS input level
CMOS 3-state output
P30/RDY–
P37/RD
P40/EDMA,
Port P4
P41/INT0,
P42/INT1,
P43/CNTR0,
P44/CNTR1
Control signal I/O
External interrupt
P50/XCIN,
P51/TOUT/
XCOUT
CMOS input level
CMOS 3-state output
(6)
(7)
Timer 1, Timer 2
output pin
Sub-clock generat-
ing input pin
P52/OBF0,
P53/IBF0,
P54/S0,
P55/A0,
P56/R(E),
P57/W(R/W)
Port P5
CMOS input level
CMOS 3-state output
CMOS input level/TTL
input level in Master
CPU bus inferface
function
(8)
(9)
(10)
CMOS input level/TTL
input level
CMOS 3-state output
CMOS input level
CMOS 3-state output
CMOS input level
CMOS 3-state output
CMOS input level/TTL
input level in Master
CPU bus inferface
function
CMOS input level
CMOS 3-state output
(11)
Data bus buffer control
register 0
Port control register
USB control register
Port control register
Data bus buffer control
register 1
Port control register
CPU mode register B
P70/SOF,
Port P6
Port P7
P71/HOLD,
P72/S1,
P73/IBF1/
HLDA,
P74/OBF1
(12)
(13)
(14)
(15)
(16)
Master CPU bus
interface I/O pin
Master CPU bus
interface I/O pin
USB function output
pin
Control signal I/O
Master CPU bus
interface I/O pin
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
UART1, 2 control registers
Serial I/O control register 1
Serial I/O control register 2
Port control register
Serial I/O I/O pin
UART2 I/O pin
UART1 I/O pin
P80/UTXD2/
SRDY,
P81/URXD2/
SCLK,
P82/CTS2/
SRXD,
P83/RTS2/
STXD,
P84/UTXD1,
P85/URXD1,
P86/CTS1,
P87/RTS1
Port P8
Notes 1: For details of the ports functions in modes other than single-chip mode, and how to use double-function ports as function I/O ports, refer to the applicable
sections.
2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a rush current will flow from VCC to VSS through the input-stage gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com