Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7750 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 9Page - Renesas Technology Corp SH7750 Datasheet HTML 10Page - Renesas Technology Corp SH7750 Datasheet HTML 11Page - Renesas Technology Corp SH7750 Datasheet HTML 12Page - Renesas Technology Corp SH7750 Datasheet HTML 13Page - Renesas Technology Corp SH7750 Datasheet HTML 14Page - Renesas Technology Corp SH7750 Datasheet HTML 15Page - Renesas Technology Corp SH7750 Datasheet HTML 16Page - Renesas Technology Corp SH7750 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xiii of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
5.7 Usage Notes
182
Description amended
2. If a general exception or interrupt occurs when SR.BL = 1
a. General exception
When a general exception other than a user break occurs, a
manual reset is executed. The value in EXPEVT at this time
is H'0000 0020; the value of the SPC and SSR registers is
undefined.
...
3. SPC when an exception occurs
a. Re-execution type general exception
The PC value for the instruction in which the general
exception occurred is set in SPC, and the instruction is re-
executed after returning from exception handling. If an
exception occurs in a delay slot instruction, however, the PC
value for the delay slot instruction is saved in SPC regardless
of whether or not the preceding delayed branch instruction
condition is satisfied.
b. Completion type general exception or interrupt
The PC value for the instruction following that in which the
general exception occurred is set in SPC. If an exception
occurs in a branch instruction with delay slot, however, the
PC value for the branch destination is saved in SPC.
6.5 Floating-Point
Exceptions
• Enable/disable
exception handling
194
Description amended
For information on these possibilities, see the individual
instruction descriptions in chapter 9 of the SH-4 Software
Manual. The particulars differ demanding on the instruction. All
exception events that originate in the FPU are assigned as the
same exception event. The meaning of an exception is
determined by software by reading system register FPSCR and
interpreting the information it contains.
6.6.2 Pair Single-
Precision Data Transfer
196
Description amended
In addition to the geometric operation instructions, the FPU
also supports high-speed data transfer instructions.
When FPSCR.SZ = 1, the FPU can perform data transfer by
means of pair single-precision data transfer instructions.
6.7 Usage Notes
197 to
207
Newly added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com