Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7750 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 17Page - Renesas Technology Corp SH7750 Datasheet HTML 18Page - Renesas Technology Corp SH7750 Datasheet HTML 19Page - Renesas Technology Corp SH7750 Datasheet HTML 20Page - Renesas Technology Corp SH7750 Datasheet HTML 21Page - Renesas Technology Corp SH7750 Datasheet HTML 22Page - Renesas Technology Corp SH7750 Datasheet HTML 23Page - Renesas Technology Corp SH7750 Datasheet HTML 24Page - Renesas Technology Corp SH7750 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xxi of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
13.3.5 Synchronous
DRAM Interface
Figure 13.42 (2)
Synchronous DRAM
Mode Write Timing
(Mode Register Set)
491
Figure amended
CASS
D63–D0
CKE
(High)
Connecting a 128-
Mbit/256-Mbit
Synchronous DRAM
with 64-bit Bus Width
(SH7750R Only):
494, 495 Description amended
• In the auto-refresh operation, the REF command is issued
twice continuously in response to a single refresh request.
The interval cycle number between the first and second REF
commands issuance is specified by the setting of the
TRAS2
−TRAS0 bits in MCR, which is 4 to 11 CKIO cycles.
The interval cycle number between the second REF
command and the next ACTV command issuance is specified
by the settings of both the TRAS2
−TRAS0 bits and the
TRC2
−TRC0 bits in MCR in the sum total, which is 4 to 32
CKIO cycles. Set RTCOR and bits CKS2
−CKS0, and MCR so
as to satisfy the refresh-interval rating of the synchronous
DRAM which you are using. The synchronous DRAM auto-
refresh timing with 64-bit bus width is shown below figure.
Figure 13.46
Synchronous DRAM
Auto-Refresh Timing
with 64-Bit Bus Width
(TRAS [2:0] = 001, TRC
[2:0] = 001))
496
Figure newly added
13.3.7 PCMCIA
Interface
Figure 13.51 Basic
Timing for PCMCIA
Memory Card Interface
505
Figure amended
D15–D0
(write)
WE1
(write)
Figure 13.52 Wait
Timing for PCMCIA
Memory Card Interface
506
Figure amended
D15–D0
(write)
WE1
(write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com