Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY16NA90 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STY16NA90
Description  N - CHANNEL 900V - 0.5 ohm - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY16NA90 Datasheet(HTML) 4 Page - STMicroelectronics

  STY16NA90 Datasheet HTML 1Page - STMicroelectronics STY16NA90 Datasheet HTML 2Page - STMicroelectronics STY16NA90 Datasheet HTML 3Page - STMicroelectronics STY16NA90 Datasheet HTML 4Page - STMicroelectronics STY16NA90 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.70
5.30
A1
2.20
2.60
b
1.00
1.40
b1
2.00
2.40
b2
3.00
3.40
c
0.40
0.80
D
19.70
20.30
e
5.35
5.55
E
15.30
15.90
L
14.20
15.20
L1
3.70
4.30
P025Q
Max247 MECHANICAL DATA
STY16NA90
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com