Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY16NA90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STY16NA90
Description  N - CHANNEL 900V - 0.5 ohm - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY16NA90 Datasheet(HTML) 1 Page - STMicroelectronics

  STY16NA90 Datasheet HTML 1Page - STMicroelectronics STY16NA90 Datasheet HTML 2Page - STMicroelectronics STY16NA90 Datasheet HTML 3Page - STMicroelectronics STY16NA90 Datasheet HTML 4Page - STMicroelectronics STY16NA90 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STY16NA90
N - CHANNEL 900V - 0.5
Ω - 16A - Max247
EXTREMELY LOW GATE CHARGE POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.5
Ω
s
EFFICIENT AND RELIABLE MOUNTING
THROUGH CLIP
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
REPETITIVE AVALANCHE TESTED
s
LOW INTRINSIC CAPACITANCE
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
REDUCED THRESHOLD VOLTAGE SPREAD
DESCRIPTION
The Max247
TM package is a new high volume
power package exibiting the same footprint as t he
industry standard TO -247, but designed t o
accomodat e much larger silicon chips, normally
supplied in bigger packages such as TO -264. The
increased die capacity makes the device ideal to
reduce component count in multiple paralleled
designs and save board space with respect to
larger packages.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES (UPS)
®
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
STY16NA90
900 V
< 0.54
Ω
16 A
June 1998
Max247
TM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
900
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (cont inuous) at Tc =25
oC16
A
ID
Drain Current (cont inuous) at Tc =100
oC10
A
IDM(
•)
Drain Current (pulsed)
64
A
Ptot
Tot al Dissipation at Tc =25
oC
300
W
Derating Fact or
2.4
W/
oC
Tstg
St orage Temperature
-55 to 150
oC
Tj
Max. Operat ing Junction Temperat ure
150
oC
(
•) Pulse width limited by safe operating area
1/5


Similar Part No. - STY16NA90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STY16NA90 ISC-STY16NA90 Datasheet
366Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STY16NA90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY25NA60 STMICROELECTRONICS-STY25NA60 Datasheet
82Kb / 8P
N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET
Mar-1999
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
Extremely low gate charge
01-Dec-2015
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
Extremely low gate charge
15-Jun-2016
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
Extremely low gate charge
18-Dec-2014
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com