Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY25NA60 Datasheet (PDF) - STMicroelectronics

STY25NA60 Datasheet PDF - STMicroelectronics
Part # STY25NA60
Download  STY25NA60 Download
File Size   82.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET

STY25NA60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STY25NA60 Datasheet PDF - STMicroelectronics

Part # STY25NA60
Download  STY25NA60 Click to download

File Size   82.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET

STY25NA60 Datasheet (HTML) - STMicroelectronics


STY25NA60 Product details

DESCRIPTION
The Max247 package is a new high volume power package exibiting the same footprint as the industry standard TO-247, but designed to accomodate much larger silicon chips, normally supplied in bigger packages such as TO-264.The increased die capacity makes the device idealto reduce component count in multiple paralleled designs and save board space with respect to larger packages.

■ TYPICAL RDS(on) = 0.225 Ω
■ EFFICIENT AND RELIABLE MOUNTING THROUGH CLIP
■ ± 30V GATE TO SOURCE VOLTAGE RATING
■ 100% AVALANCHE TESTED
■ LOW INTRINSIC CAPACITANCE
■ GATE CHARGE MINIMIZED
■ REDUCED VOLTAGE SPREAD

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITCH MODE POWER SUPPLY (SMPS)
■ DC-AC CONVERTER FOR WELDING EQUIPMENT AND UNINTERRUPTABLE POWER SUPPLY AND MOTOR DRIVE




Similar Part No. - STY25NA60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STY25NA60 ISC-STY25NA60 Datasheet
364Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STY25NA60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGY50NB60HD STMICROELECTRONICS-STGY50NB60HD Datasheet
45Kb / 6P
N-CHANNEL 50A - 600V MAX247 PowerMESH IGBT
Jun-1999
STY16NA90 STMICROELECTRONICS-STY16NA90 Datasheet
47Kb / 5P
N - CHANNEL 900V - 0.5 ohm - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET
Jun-1998
STY34NB50 STMICROELECTRONICS-STY34NB50 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Jun-1998
STY34NB50F STMICROELECTRONICS-STY34NB50F Datasheet
87Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Dec-1999
STY60NM60 STMICROELECTRONICS-STY60NM60 Datasheet
288Kb / 8P
N-CHANNEL 600V - 0.050ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
Jul-2003
logo
Leshan Radio Company
L2N60 LRC-L2N60_11 Datasheet
808Kb / 9P
600V N-Channel MOSFET Low gane charge
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
RU5H18Q RUICHIPS-RU5H18Q Datasheet
290Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
RU8H7R RUICHIPS-RU8H7R Datasheet
302Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com