Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY25NA60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STY25NA60
Description  N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY25NA60 Datasheet(HTML) 3 Page - STMicroelectronics

  STY25NA60 Datasheet HTML 1Page - STMicroelectronics STY25NA60 Datasheet HTML 2Page - STMicroelectronics STY25NA60 Datasheet HTML 3Page - STMicroelectronics STY25NA60 Datasheet HTML 4Page - STMicroelectronics STY25NA60 Datasheet HTML 5Page - STMicroelectronics STY25NA60 Datasheet HTML 6Page - STMicroelectronics STY25NA60 Datasheet HTML 7Page - STMicroelectronics STY25NA60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
td(on)
tr
Turn-on delay Time
Rise Time
VDD = 300 V
ID = 12.5 A
RG =4.7
Ω
VGS =10 V
(see test circuit, figure 3)
45
70
ns
ns
Qg
Q gs
Qgd
Tot al Gate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD = 480 V ID =25 A VGS =10 V
240
25
115
315
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
tr(Voff)
tf
tc
Off -volt age Rise Time
Fall Time
Cross-over Time
VDD = 480 V
ID =25 A
RG =4.7
Ω
VGS =10 V
(see test circuit, figure 5)
70
25
105
ns
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain Current
(pulsed)
25
100
A
A
VSD (
∗)
Forward On Volt age
ISD =25 A
VGS =0
2
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 25A
di/ dt = 100A/
µs
VDD = 100 V
Tj =150
o C
(see test circuit, figure 5)
840
19.5
46.5
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
STY25NA60
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com