Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY25NA60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STY25NA60
Description  N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY25NA60 Datasheet(HTML) 1 Page - STMicroelectronics

  STY25NA60 Datasheet HTML 1Page - STMicroelectronics STY25NA60 Datasheet HTML 2Page - STMicroelectronics STY25NA60 Datasheet HTML 3Page - STMicroelectronics STY25NA60 Datasheet HTML 4Page - STMicroelectronics STY25NA60 Datasheet HTML 5Page - STMicroelectronics STY25NA60 Datasheet HTML 6Page - STMicroelectronics STY25NA60 Datasheet HTML 7Page - STMicroelectronics STY25NA60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STY25NA60
N - CHANNEL 600V - 0.225
Ω - 25 A - Max247
EXSTREMELY LOW GATE CHARGE POWER MOSFET
s
TYPICAL RDS(on) = 0.225
Ω
s
EFFICIENT AND RELIABLE MOUNTING
THROUGH CLIP
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
LOW INTRINSIC CAPACITANCE
s
GATE CHARGE MINIMIZED
s
REDUCED VOLTAGE SPREAD
DESCRIPTION
The Max247
™ package is a new high volume
power package exibiting the same footprint as the
industry standard TO-247, but designed to acco-
modate much larger silicon chips, normally sup-
plied in bigger packages such as TO-264.The in-
creased die capacity makes the device idealto re-
duce component count in multiple paralleled de-
signs and save board space with respect to larger
packages.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
March 1999
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
600
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC25
A
ID
Drain Current (continuous) at Tc = 100
oC
16.5
A
IDM(
•)
Drain Current (pulsed)
100
A
Ptot
T otal Dissipat ion at Tc =25
oC300
W
Derating F act or
2.4
W /
o C
Tstg
Storage Temperature
-55 to 150
o C
Tj
Max. O perating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STY25NA60
600 V
< 0.24
Ω
25 A
1
2
3
Max247
™
1/8


Similar Part No. - STY25NA60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STY25NA60 ISC-STY25NA60 Datasheet
364Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STY25NA60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGY50NB60HD STMICROELECTRONICS-STGY50NB60HD Datasheet
45Kb / 6P
N-CHANNEL 50A - 600V MAX247 PowerMESH IGBT
Jun-1999
STY16NA90 STMICROELECTRONICS-STY16NA90 Datasheet
47Kb / 5P
N - CHANNEL 900V - 0.5 ohm - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET
Jun-1998
STY34NB50 STMICROELECTRONICS-STY34NB50 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Jun-1998
STY34NB50F STMICROELECTRONICS-STY34NB50F Datasheet
87Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Dec-1999
STY60NM60 STMICROELECTRONICS-STY60NM60 Datasheet
288Kb / 8P
N-CHANNEL 600V - 0.050ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
Jul-2003
logo
Leshan Radio Company
L2N60 LRC-L2N60_11 Datasheet
808Kb / 9P
600V N-Channel MOSFET Low gane charge
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
RU5H18Q RUICHIPS-RU5H18Q Datasheet
290Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
RU8H7R RUICHIPS-RU8H7R Datasheet
302Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com