Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30262F3GP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M30262F3GP
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F3GP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M30262F3GP Datasheet HTML 5Page - Renesas Technology Corp M30262F3GP Datasheet HTML 6Page - Renesas Technology Corp M30262F3GP Datasheet HTML 7Page - Renesas Technology Corp M30262F3GP Datasheet HTML 8Page - Renesas Technology Corp M30262F3GP Datasheet HTML 9Page - Renesas Technology Corp M30262F3GP Datasheet HTML 10Page - Renesas Technology Corp M30262F3GP Datasheet HTML 11Page - Renesas Technology Corp M30262F3GP Datasheet HTML 12Page - Renesas Technology Corp M30262F3GP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 239 page
background image
Description
4
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Performance Outline
Table 1.1 lists the parameters and functional description of the M16C/26 group.
Note 1: I2C bus is a registered trademark of Koninklijke Philips Electronics N. V.
Note 2: IEBus is a registered trademark of NEC Electronics Corporation.
Note 3: See Table 1.2b for erase/write cycle and temperature range information.
Table 1.1. Performance outline
Memory
Shortest Instruction Execution Time
Number of Basic Instructions
Parameters
Functional Description
91
)
V
5
.
5
o
t
V
0
.
3
=
c
c
V
,
z
H
M
0
2
=
)
N
I
X
(
f
(
s
n
0
5
)
V
5
.
5
o
t
V
7
.
2
=
c
c
V
,
z
H
M
0
1
=
)
N
I
X
(
f
(
s
n
0
0
1
)
m
a
r
g
a
i
d
n
o
i
s
n
a
p
x
e
M
O
R
e
h
t
e
e
s
(
V
5
.
5
o
t
V
7
.
2
=
c
c
V
e
t
i
r
w
/
e
s
a
r
E
,
s
e
l
c
y
c
e
t
i
r
w
/
e
s
a
r
e
)
n
i
m
(
K
1
)
s
k
c
o
l
B
2
x
e
t
y
b
K
2
(
s
e
t
y
b
K
4
s
e
l
c
y
c
e
t
i
r
w
/
e
s
a
r
e
l
a
c
i
p
y
t
K
0
0
1
,
e
t
i
r
w
/
e
s
a
r
e
m
u
m
i
n
i
m
K
0
1
V
5
.
5
o
t
V
7
.
2
=
c
c
V
e
t
i
r
w
/
e
s
a
r
E
es
t
y
b
K
2
o
t
K
1
,
3
A
T
,
2
A
T
,
1
A
T
,
0
A
T
4
A
T
2
B
T
,
1
B
T
,
0
B
T
ls
e
n
n
a
h
c
8
x
s
t
i
b
0
1
ls
e
n
n
a
h
c
2
38 lines
˚
5
8
o
t
C
˚
0
2
-
)
t
i
a
w
o
n
,
z
H
M
0
2
=
)
n
i
f
(
f
(
5
.
5
o
t
V
0
.
3
=
c
c
V
)
t
i
a
w
o
n
,
z
H
M
0
1
=
)
n
i
f
(
f
(
5
.
5
o
t
V
7
.
2
=
c
c
V
,
V
0
.
3
=
c
c
V
t
A
,
e
d
o
m
p
o
t
S
,
c
c
I
)
p
y
t
(
A
u
7
.
0
V
0
.
3
=
c
c
V
,
e
d
o
m
t
i
a
W
,
z
H
k
2
3
t
a
c
c
I
)
p
y
t
(
A
µ
8
.
1
)
p
e
e
l
s
h
s
a
l
F
(
s
s
e
c
c
a
M
A
R
h
t
i
w
e
d
o
m
z
H
K
2
3
t
a
c
c
I
)
p
y
t
(
A
u
5
2
V
0
.
5
=
c
c
V
,
z
H
M
20
t
a
c
c
I
)
p
y
t
(
A
m
6
1
0V
.
5
mA
5
FP
Q
L
n
i
p
-
8
4
C /
Flash ROM (Note 3)
Flash ROM as Virtual
EEPROM (Note 3)
RAM
Multifunctional
16-bit Timers
Event counter, Period measurement, Pulse width
measurement, Timer
Timer mode, Event counter, One-shot generator, PWM
generation, Quadrature Counter
U/V/W
3-phase motor control PWM generator
Serial I/O
2 U(S)ART/SIO (UART0/1 type)
1 U(S)ART/SIO/I C bus/IEBus (UART2) (Note 1,2)
2
A-D Converter
DMAC
Watchdog Timer
Interrupts
1 15-bit timer (switchable to internal ring oscillator)
20 internal, 7 external sources, 4 software, 7 priority levels
Clock Generation Circuit
3 built-in clock generating circuits
•
2 internal clock generators (supports oscillator, crystal,
resonator); crystal failure detect
•
1 internal ring oscillator
Brown-out Monitor
With interrupt, reset and RAM retention flag capability
Programmable I/O
Temperature Range
Supply Voltage
Low Power Consumption
I/O
Characteristics
I/O Withstand Voltage
Output Current
Device Configuration
CMOS high performance silicon gate
Packages
˚
5
8
o
t
C
˚
0
4
-
C (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com