Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30262F3GP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M30262F3GP
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F3GP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M30262F3GP Datasheet HTML 17Page - Renesas Technology Corp M30262F3GP Datasheet HTML 18Page - Renesas Technology Corp M30262F3GP Datasheet HTML 19Page - Renesas Technology Corp M30262F3GP Datasheet HTML 20Page - Renesas Technology Corp M30262F3GP Datasheet HTML 21Page - Renesas Technology Corp M30262F3GP Datasheet HTML 22Page - Renesas Technology Corp M30262F3GP Datasheet HTML 23Page - Renesas Technology Corp M30262F3GP Datasheet HTML 24Page - Renesas Technology Corp M30262F3GP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 239 page
background image
Reset
15
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Voltage detection circuit
The voltage detection circuit has monitoring circuits to check the input voltage of the VCC pin. These
circuits monitor the the input voltage at VDET3 and VDET4. Bits VC26 and VC27 of VCR2 register are
used to enable/disable these monitoring circuits.
The VDET3 monitoring circuit is used for detecting the minimum VCC that guarantees proper chip
operation.
The VDET4 monitoring circuit can be set to detect whether the input voltage is equal to and greater or
less than VDET4 depending on the value of VC13 bit of the VCR1 register. In addition, the VDET4
monitoring circuit, if enabled, can generate an interrupt.
Figure 1.5.4. Reset circuit block
Watchdog timer control register
Symbol
Address
After reset
WDC
000F16 00?XXXXX2(Note1)
Function
Bit symbol
RW
b7
b6
b5
b4 b3
b2
b1
b0
High-order bit of watchdog timer
WDC7
Bit name
Prescaler select bit
0 : Divided by 16
1 : Divided by 128
Reserved bit
Set to 0
0
RO
RW
RW
RW
Cold start / warm start
discrimination flag (Note 2)
0 : Cold start
1 : Warm start
WDC5
Note 2: The WDC5 bit will always be set to a 1 whenever the WDC SFR is written (regardless of value of WDC5 bit).
Note 1: The WDC5 bit is set to 0 immediately after power-on (cold start).
Figure 1.5.5. WDC register
VCR2 register
RESET
b3
VCC
b6
b7
Write to WDC register
Internal power on reset
VCR1 register
Noise rejection
Internal reset
("L" active)
Internal power
supply voltage
stable time
td(S-R)
WARM/COLD
(warm or cold start)
1 shot
CK
CM10 bit = 1
(stop mode)
WDC5 bit
VDET4 detect signal
VC13 bit
R
S
Q
Q
+
+
E
E
>
VDET3
≥ VDET4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com