Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 609 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 609 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 605Page - Renesas Technology Corp M16C/62M Datasheet HTML 606Page - Renesas Technology Corp M16C/62M Datasheet HTML 607Page - Renesas Technology Corp M16C/62M Datasheet HTML 608Page - Renesas Technology Corp M16C/62M Datasheet HTML 609Page - Renesas Technology Corp M16C/62M Datasheet HTML 610Page - Renesas Technology Corp M16C/62M Datasheet HTML 611Page - Renesas Technology Corp M16C/62M Datasheet HTML 612Page - Renesas Technology Corp M16C/62M Datasheet HTML 613Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 615 page
background image
Appendix 5
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-292
1.4 Oscillator concerns
Take care to prevent an oscillator that generates clocks for a microcomputer operation from being affected
by other signals.
1.4.1 Keeping oscillator away from large current signal lines
Install a microcomputer (and especially an oscillator) as far as possible from signal lines where a current
larger than the tolerance of current value flows.
q Reason
In the system using a microcomputer, there are signal lines for controlling motors, LEDs, and thermal
heads or others. When a large current flows through those signal lines, strong noise occurs because of
mutual inductance.
XIN
XOUT
VSS
M
Microcomputer
Mutual inductance
Large
current
GND
XIN
XOUT
VSS
TAOUT
Do not cross
N.G.
Figure 1.4.1. Wiring for a large current signal line
1.4.2 Installing oscillator away from signal lines where potential levels change frequently
Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential levels
change frequently. Also, do not cross such signal lines over the clock lines or the signal lines which are
sensitive to noise. Or do not stretch long such signal lines parallelly to these said lines.
q Reason
Signal lines where potential levels change frequently (such as the TAOUT pin signal line) may affect other
lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms may be
deformed, which causes a microcomputer failure or a program runaway.
Figure 1.4.2. Wiring of signal lines where potential levels change frequently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com