Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 610 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 610 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 606Page - Renesas Technology Corp M16C/62M Datasheet HTML 607Page - Renesas Technology Corp M16C/62M Datasheet HTML 608Page - Renesas Technology Corp M16C/62M Datasheet HTML 609Page - Renesas Technology Corp M16C/62M Datasheet HTML 610Page - Renesas Technology Corp M16C/62M Datasheet HTML 611Page - Renesas Technology Corp M16C/62M Datasheet HTML 612Page - Renesas Technology Corp M16C/62M Datasheet HTML 613Page - Renesas Technology Corp M16C/62M Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 615 page
background image
Appendix 5
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-293
1.4.3 Oscillator protection using Vss pattern
As for a two-sided printed circuit board, print a VSS pattern on the underside (soldering side) of the
position (on the component side) where an oscillator is mounted.
Connect the VSS pattern to the microcomputer VSS pin with the shortest possible wiring. Besides, sepa-
rate this VSS pattern from other VSS patterns.
XIN
XOUT
VSS
An example of Vss patterns on the
underside of a printed circuit board
Oscillator wiring
pattern example
Oscillator mounting unit
Top View (on the component side)
Noise
Direction register
Data register
Data bus
I/O port
pin
Noise
N.G.
O.K.
Figure 1.4.3. VSS pattern on the underside of an oscillator
1.5 Setup for I/O ports
Setup I/O ports using hardware and software as follows:
<Hardware>
• Connect a resistor of 100
Ω or more to a signal line which is connected to an I/O port in series. Besides,
connect the resistor to the microcomputer as close as possible.
<Software>
• As for an input port, read data several times by a program for checking whether input levels are equal or
not.
• As for an output port, since the output data may reverse because of noise, rewrite data to its port latch
at fixed periods.
• Rewrite data to direction registers and pull-up control registers at fixed periods.
Figure 1.5.1. Setup for I/O ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com