Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 611 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 611 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 607Page - Renesas Technology Corp M16C/62M Datasheet HTML 608Page - Renesas Technology Corp M16C/62M Datasheet HTML 609Page - Renesas Technology Corp M16C/62M Datasheet HTML 610Page - Renesas Technology Corp M16C/62M Datasheet HTML 611Page - Renesas Technology Corp M16C/62M Datasheet HTML 612Page - Renesas Technology Corp M16C/62M Datasheet HTML 613Page - Renesas Technology Corp M16C/62M Datasheet HTML 614Page - Renesas Technology Corp M16C/62M Datasheet HTML 615Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 611 / 615 page
background image
Appendix 5
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-294
Main routine
(SWDT)
← N
FSET I
Main processing
(SWDT)
Interrupt processing
routine errors
≠N
=N
Interrupt processing routine
(SWDT)
← (SWDT) – 1
Interrupt processing
(SWDT)
Main routine
errors
0
≤0
REIT
Return
=N?
≤0?
1.6 Providing of watchdog timer function by software
If a microcomputer runs away because of noise or others, it can be detected by a software watchdog timer
and the microcomputer can be reset to normal operation. This is equal to or more effective than program
runaway detection by a hardware watchdog timer. The following shows an example of a watchdog timer
provided by software.
In the following example, to reset a microcomputer to normal operation, the main routine detects errors of
the interrupt processing routine and the interrupt processing routine detects errors of the main routine.
This example assumes that interrupt processing is repeated multiple times in a single main routine process-
ing.
<The main routine>
• Assigns a single byte of RAM to a software watchdog timer (SWDT) and writes the initial value N in the
SWDT once at each execution of the main routine. The initial value N should satisfy the following condi-
tion:
N+1
≥≥ (Counts of interrupt processing executed in each main routine)
As the main routine execution cycle may change because of an interrupt processing or others, the initial
value N should have a margin.
• Watches the operation of the interrupt processing routine by comparing the SWDT contents with counts
of interrupt processing after the initial value N has been set.
• Detects that the interrupt processing routine has failed and determines to branch to the program initial-
ization routine for recovery processing in the following case:
If the SWDT contents do not change after interrupt processing.
<The interrupt processing routine>
• Decrements the SWDT contents by 1 at each interrupt processing.
• Determines that the main routine operates normally when the SWDT contents are reset to the initial
value N at almost fixed cycles (at the fixed interrupt processing count).
• Detects that the main routine has failed and determines to branch to the program initialization routine for
recovery processing in the following case:
If the SWDT contents are not initialized to the initial value N but continued to decrement and if they reach
0 or less.
Figure 1.6.1. Watchdog timer by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com