Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 29Page - Renesas Technology Corp M16C/62 Datasheet HTML 30Page - Renesas Technology Corp M16C/62 Datasheet HTML 31Page - Renesas Technology Corp M16C/62 Datasheet HTML 32Page - Renesas Technology Corp M16C/62 Datasheet HTML 33Page - Renesas Technology Corp M16C/62 Datasheet HTML 34Page - Renesas Technology Corp M16C/62 Datasheet HTML 35Page - Renesas Technology Corp M16C/62 Datasheet HTML 36Page - Renesas Technology Corp M16C/62 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
18
(038316)···
Trigger select flag
(038416)···
Up-down flag
(62)
(61)
(039616)···
Timer A0 mode register
(63)
(039716)···
Timer A1 mode register
(64)
(039816)···
Timer A2 mode register
(67)
(039B16)···
Timer B0 mode register
(68)
(039C16)···
Timer B1 mode register
(69)
(039D16)···
Timer B2 mode register
(70)
(65)
(039916)···
Timer A3 mode register
(66)
(039A16)···
Timer A4 mode register
(038216)···
One-shot start flag
(60)
0016
0016
0
0016
0016
0016
0016
0016
0?
0000
00?
0000
00?
0000
(03AC16)···
UART1 transmit/receive control register 0
(75)
(03AD16)···
UART1 transmit/receive control register 1
(76)
(03B016)···
UART transmit/receive control register 2
(77)
0
(03A016)···
UART0 transmit/receive mode register
(71)
(03A416)···
UART0 transmit/receive control register 0
(72)
(03A516)···
UART0 transmit/receive control register 1
(73)
0016
000
1000
000
0010
0
0
(03A816)···
UART1 transmit/receive mode register
(74)
0016
000
1000
000
0010
0
0
0
0000
0
(03D716)···
A-D control register 1
0016
0
00
0
000
Count start flag
(038016)···
0016
0
(038116)···
Clock prescaler reset flag
(58)
(59)
x : Nothing is mapped to this bit
? : Undefined
The content of other registers and RAM is undefined when the microcomputer is reset. The initial values
must therefore be set.
Note1: When the VCC level is applied to the CNVSS pin, it is 0216 at a reset.
Note2: This register is only exist in flash memory version.
(03E216)···
Port P0 direction register
(84)
(03E316)···
Port P1 direction register
(85)
(03E616)···
Port P2 direction register
(86)
(03E716)···
Port P3 direction register
(87)
(03EA16)···
Port P4 direction register
(88)
(03EB16)···
Port P5 direction register
(89)
(03EE16)···
Port P6 direction register
(90)
(03EF16)···
Port P7 direction register
(91)
(03F216)···
Port P8 direction register
(92)
(03F316)···
Port P9 direction register
(93)
(03F616)···
Port P10 direction register
(94)
(03FC16)···
Pull-up control register 0
(95)
(03FD16)···
Pull-up control register 1(Note1)
(96)
(03FE16)···
Pull-up control register 2
(97)
Port control register
(98)
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
00
0
0
00 0
(03DC16)···
D-A control register
(83)
0016
Frame base register (FB)
(101)
Address registers (A0/A1)
(100)
Interrupt table register (INTB)
(102)
User stack pointer (USP)
(103)
Interrupt stack pointer (ISP)
(104)
Static base register (SB)
(105)
Flag register (FLG)
(106)
000016
000016
0000016
000016
000016
000016
000016
Data registers (R0/R1/R2/R3)
(99)
000016
(03FF16)···
(03B616)···
Flash memory control register 1 (Note2)
(78)
0
(107)
(03B716)···
Flash memory control register 0 (Note2)
(03BA16)···
DMA1 cause select register
0016
(03D416)···
A-D control register 2
(80)
(03D616)···
A-D control register 0
(81)
(82)
0
000
0???
0
0000
(03B816)···
DMA0 cause select register
(79)
0016
0
0001
0
??? ?
? ? ?
(108)
Figure 1.6.4. Device's internal status after a reset is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com