Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 4 Page - Renesas Technology Corp

  M16C/62 Datasheet HTML 1Page - Renesas Technology Corp M16C/62 Datasheet HTML 2Page - Renesas Technology Corp M16C/62 Datasheet HTML 3Page - Renesas Technology Corp M16C/62 Datasheet HTML 4Page - Renesas Technology Corp M16C/62 Datasheet HTML 5Page - Renesas Technology Corp M16C/62 Datasheet HTML 6Page - Renesas Technology Corp M16C/62 Datasheet HTML 7Page - Renesas Technology Corp M16C/62 Datasheet HTML 8Page - Renesas Technology Corp M16C/62 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 621 page
background image
How to Use This Manual
This user's manual is written for the M16C/62 group.
The reader of this manual is expected to have the basic knowledge of electric and logic
circuits and microcomputers.
This manual explains a function of the following kind.
• M30620M8-XXXFP/GP
• M30620MA-XXXFP/GP
• M30620MC-XXXFP/GP
• M30620EC-XXXFP/GP
• M30620ECFS
• M30620SFP/GP
• M30622M4-XXXFP/GP
• M30622M8-XXXFP/GP
• M30622MA-XXXFP/GP
• M30622MC-XXXFP/GP
• M30622SFP/GP
• M30624MG-XXXFP/GP
• M30624FGFP/GP
• M30624FGLFP/GP
These products have similar features except for the memories, which differ from one product to
another. This manual gives descriptions of M30622MC-XXXFP. An electric characteristic refer
to data sheet responded to. Memories built-in are as shown below. Be careful when writing a
program, as the memories have different capacities.
The figure of each register configuration describes its functions, contents at reset, and attributes
as follows :
• Bit attribute
R.....Read
W.....Write
O.....Possible to read
O.....Possible to write
X.....Impossible to read
X.....Impossible to write
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i=0 to 4)
039616 to 039A16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot timer mode
1 1 : Pulse width modulation
(PWM) mode
b1 b0
TCK1
MR3
MR2
MR1
TMOD1
MR0
TMOD0
TCK0
Function varies with each operation mode
Count source select bit
(Function varies with each operation mode)
Operation mode select bit
Bit attribute
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
M30620M8-XXXFP/GP
M30622M8-XXXFP/GP
M30620MA-XXXFP/GP
M30622MA-XXXFP/GP
M30620MC-XXXFP/GP
M30622MC-XXXFP/GP
Mask ROM version
One-time PROM version
EPROM version
Flash memory version
M30620ECFP/GP
M30620ECFS
M30624FGFP/GP
M30624FGLFP/GP
256K
M30624MG-XXXFP/GP
M30622M4-XXXFP/GP
External ROM version
M30620SFP/GP
M30622SFP/GP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com