Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 482Page - Renesas Technology Corp M16C/62 Datasheet HTML 483Page - Renesas Technology Corp M16C/62 Datasheet HTML 484Page - Renesas Technology Corp M16C/62 Datasheet HTML 485Page - Renesas Technology Corp M16C/62 Datasheet HTML 486Page - Renesas Technology Corp M16C/62 Datasheet HTML 487Page - Renesas Technology Corp M16C/62 Datasheet HTML 488Page - Renesas Technology Corp M16C/62 Datasheet HTML 489Page - Renesas Technology Corp M16C/62 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 621 page
background image
Timer A Applications
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
471
Figure 3.5.1. Set-up procedure of solution for a shortage of external interrupt pins
Initialization of timer A0
b7
b0
Selection of event counter mode
Pulse output function select bit
0 : Pulse is not output (TA0out pin is a normal port pin)
Count polarity select bit
0 : Counts external signal's falling edge
Up/down switching cause select bit
0 : Up/down flag's content
0 (Must always be “0” in event counter mode)
Count operation type select bit
0 : Reload type
0 (Must always be “0” in event counter mode)
Timer A0 mode register
TA0MR [Address 039616 ]
00
00
1
00
0
Up/down flag [Address 038416]
UDF
b7
b0
Timer A0 up/down flag
0 : Down count
0
Setting interrupt priority levels in timer A0
b7
b0
Timer A0 interrupt control register [Address 005516]
TA0IC
Interrupt control level (set a value 1 to 7)
Setting interrupt enable flag (I flag)
b7
b0
Timer A0 count start flag
1 : Starts counting
Count start flag [Address 038016]
TABSR
1
Initialization of port P7 direction register
b7
b0
Port P71 direction register
0 : Input mode
0
Port P7 direction register [Address 03EF16]
PD7
Timer A0 register
TA0 [Address 038716, 038616]
b15
b8
b7
b0
0016
0016
b7
b0
One shot start flag [Address 038216]
ONSF
b7
b0
Timer A0 event/trigger select flag
b7 b6
0 0 : Input on TA0IN is selected
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com