Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 554 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 554 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 550Page - Renesas Technology Corp M16C/62 Datasheet HTML 551Page - Renesas Technology Corp M16C/62 Datasheet HTML 552Page - Renesas Technology Corp M16C/62 Datasheet HTML 553Page - Renesas Technology Corp M16C/62 Datasheet HTML 554Page - Renesas Technology Corp M16C/62 Datasheet HTML 555Page - Renesas Technology Corp M16C/62 Datasheet HTML 556Page - Renesas Technology Corp M16C/62 Datasheet HTML 557Page - Renesas Technology Corp M16C/62 Datasheet HTML 558Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
539
M5M5256CFP, VP , RV-85VLL/-85VXL
3.70
M5M5256CFP, VP ,RV-10VLL/-10VXL
3.57
M5M5256CFP, VP , RV-12VLL/-12VXL
3.33
M5M5256CFP, VP , RV-15VLL/-15VXL
3.03
M5M51008AFP, VP ,RV-10VL/-10VLL
M5M51008AFP, VP , RV-12VL/-12VLL
M5M51008AFP, VP , RV-15VL/-15VLL
Maximum
frequency (MHz))
Model No.
9.30
M5M5256BP,FP,KP-15/L/LL
10.81
M5M51008AP,FP,VP,RV-12L/LL
M5M51T08AP,FP,VP,RV-12SL
M5M5255BP,FP,KP-12/L/LL
M5M5256BP,FP,KP-12/L/LL
12.12
M5M51008AP,FP,VP,RV-10L/LL
M5M51T08AP,FP,VP,RV-10SL
M5M5255BP,FP,KP-10/L/LL
M5M5256BP,FP,KP-10/L/LL
M5M5256CP,FP,KP,VP,RV-10LL/XL
13.33
M5M51008AP,FP,VP,RV-85L/LL
M5M51T08AP,FP,VP,RV-85SL
M5M5255BP,FP,KP-85/L/LL
M5M5256BP,FP,KP-85/L/LL
M5M5256CP,FP,KP,VP,RV-85LL/XL
14.29
M5M51008AP,FP,VP,RV-70L/LL
M5M51T08AP,FP,VP,RV-70SL
M5M5255BP,FP,KP-70/L/LL
M5M5256BP,FP,KP-70/L/LL
M5M5256CP,FP,KP,VP,RV-70LL/XL
15.38
M5M51008AP,FP,VP,RV-55L/LL
M5M51T08AP,FP,VP,RV-55SL
M5M5256CP,FP,KP,VP,RV-55LL/XL
Maximum
frequency (MHz))
Model No.
M5M5256CFP ,VP ,RV-85VLL/-85VXL
8.70
M5M5256CFP ,VP ,RV-10VLL/-10VXL
8.33
M5M5256CFP ,VP ,RV-12VLL/-12VXL
7.69
M5M5256CFP ,VP ,RV-15VLL/-15VXL
6.90
M5M51008AFP ,VP ,RV-10VL/-10VLL
M5M51008AFP ,VP ,RV-12VL/-12VLL
M5M51008AFP ,VP ,RV-15VL/-15VLL
Maximum
frequency (MHz))
Model No.
(2) SRAM
(a) 5V without wait
(b) 5V with wait
(c) 3V without wait
(d) 3V with wait
4.17
M5M5256BP,FP,KP-15/L/LL
4.76
M5M51008AP,FP,VP,RV-12L/LL/SL
M5M51T08AP,FP,VP,RV-12SL
M5M5256BP,FP,KP-12/L/LL
5.26
M5M51008AP,FP,VP,RV-10L/LL
M5M51T08AP,FP,VP,RV-10SL
M5M5256BP,FP,KP-10/L/LL
M5M5256CP,FP,KP,VP,RV-10LL/XL
5.56
M5M51008AP,FP,VP,RV-85L/LL
M5M51T08AP,FP,VP,RV-85SL
M5M5256BP,FP,KP-85/L/LL
M5M5256CP,FP,KP,VP,RV-85LL/XL
6.25
M5M51008AP,FP,VP,RV-70L/LL
M5M51T08AP,FP,VP,RV-70SL
M5M5256BP,FP,KP-70/L/LL
M5M5256CP,FP,KP,VP,RV-70LL/XL
6.67
M5M51008AP,FP,VP,RV-55L/LL
M5M51T08AP,FP,VP,RV-55SL
M5M5255BP,FP,KP-85/L/LL
M5M5256CP,FP,KP,VP,RV-55LL/XL
5.41
M5M5255BP,FP,KP-12/L/LL
6.06
M5M5255BP,FP,KP-10/L/LL
7.14
M5M5255BP,FP,KP-70/L/LL
Maximum
frequency (MHz))
Model No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com