Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 613Page - Renesas Technology Corp M16C/62 Datasheet HTML 614Page - Renesas Technology Corp M16C/62 Datasheet HTML 615Page - Renesas Technology Corp M16C/62 Datasheet HTML 616Page - Renesas Technology Corp M16C/62 Datasheet HTML 617Page - Renesas Technology Corp M16C/62 Datasheet HTML 618Page - Renesas Technology Corp M16C/62 Datasheet HTML 619Page - Renesas Technology Corp M16C/62 Datasheet HTML 620Page - Renesas Technology Corp M16C/62 Datasheet HTML 621Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 618 / 621 page
background image
Contents for change
Revision
date
Version
Revision history
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C/62 User's Manual
603
99.12.1
Page 463 Figure 3.2.4 Setting One-shot timer's time
3F16 --> 4016.
Page 465 Figure 3.3.1
000016 --> 000116.
Page 559 to 562 Figure 7.1.5, Figure 7.1.6, Figure 7.2.1 and Figure 7.2.2
All changed
Page 560
Add to Figure 7.1.7
Page 567 to 601
Add to Appendix.
Page 151 Note 2
• Before data can be written to the SI/Oi transmit/receive register (addresses
036016, 036416), the CLKi pin input must be in the low state. Also, before rewriting
the SI/Oi Control Register (addresses 036216, 036616)’s bit 7 (SOUTi initial value
set bit), make sure the CLKi pin input is held low. ---> • Before data can be written
to the SI/Oi transmit/receive register (addresses 036016, 036416), the CLKi pin
input must be in the high state. Also, before rewriting the SI/Oi Control Register
(addresses 036216, 036616)’s bit 7 (SOUTi initial value set bit), make sure the CLKi
pin input is held high.
99.12.21
REV.C1
REV.C
REV.C2
00.7.4
Page 35, Table 1.12.2
_______
Normal mode, microprocessor mode, CS0 area
0300016 to FFFFF16 --->3000016 to FFFFF16
_______
Expansion mode 1, microprocessor mode, PM13=1, CS0 area
0600016 to FFFFF16 --->0600016 to BFFFF16
Page 50, Figure 1.13.6
Note: Writing a value to an address after “1” is written to this bit returns the bit to
“0” . Other bits do not automatically return to “0” and they must therefore
be reset by the program.
Page 150, Figure 1.19.32, bit 5 of the SI/Oi control register (i=3, 4)
Transfer direction lect bit --->Transfer direction select bit
Page 150, Figure 1.19.32, Note 2
When using the port as an input/output port by setting the SI/Oi port select bit (i =
3, 4) to “1”, be sure to set the sync clock select bit to “1”.
--->
When using the port as an input/output port by setting the SI/Oi port select bit (i =
3, 4) to “0”, be sure to set the sync clock select bit to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com