Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 191Page - Renesas Technology Corp M16C/62 Datasheet HTML 192Page - Renesas Technology Corp M16C/62 Datasheet HTML 193Page - Renesas Technology Corp M16C/62 Datasheet HTML 194Page - Renesas Technology Corp M16C/62 Datasheet HTML 195Page - Renesas Technology Corp M16C/62 Datasheet HTML 196Page - Renesas Technology Corp M16C/62 Datasheet HTML 197Page - Renesas Technology Corp M16C/62 Datasheet HTML 198Page - Renesas Technology Corp M16C/62 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Usage precaution
180
Built-in PROM version
(1) All built-in PROM versions
High voltage is required to program to the built-in PROM. Be careful not to apply excessive voltage.
Be especially careful during power-on.
(2) One Time PROM version
One Time PROM versions shipped in blank (M30620ECFP, M30620ECGP), of which built-in PROMs
are programmed by users, are also provided. For these microcomputers, a programming test and
screening are not performed in the assembly process and the following processes. Therefore ROM
write defectiveness occurs around 5 %. To improve their reliability after programming, we recommend
to program and test as flow shown in Figure 1.24.1 before use.
(3) EPROM version
Programming with PROM programmer
Screening (Note)
(Leave at 150˚C for 40 hours)
Verify test PROM programmer
Function check in target device
Note: Never expose to 150˚C exceeding 100 hours.
Figure 1.24.1. Programming and test flow for One Time PROM version
External ROM version
The external ROM version is operated only in microprocessor mode, so be sure to perform the following:
• Connect CNVss pin to Vcc.
• Fix the processor mode bit to “112”
• Cover the transparent glass window with a shield or others during the read mode because exposing
to sun light or fluorescent lamp can cause erasing the information.
A shield to cover the transparent window is available from Mitsubishi Electric Corp. Be careful that
the shield does not touch the EPROM lead pins.
• Clean the transparent glass before erasing. Fingers’ flat and paste disturb the passage of ultraviolet
rays and may affect badly the erasure capability.
• The EPROM version is a tool only for program development (for evaluation), and do not use it for the
mass product run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com