Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 222Page - Renesas Technology Corp M16C/62 Datasheet HTML 223Page - Renesas Technology Corp M16C/62 Datasheet HTML 224Page - Renesas Technology Corp M16C/62 Datasheet HTML 225Page - Renesas Technology Corp M16C/62 Datasheet HTML 226Page - Renesas Technology Corp M16C/62 Datasheet HTML 227Page - Renesas Technology Corp M16C/62 Datasheet HTML 228Page - Renesas Technology Corp M16C/62 Datasheet HTML 229Page - Renesas Technology Corp M16C/62 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 621 page
background image
t
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
211
GZZ
SH12
58B <82A0>
MITSUBISHI ELECTRIC SINGLE-CHIP 16-BIT
MICROCOMPUTER M30620M8-XXXFP/GP
MASK ROM CONFIRMATION FORM
Mask ROM number
Note : Please complete all items marked
.
Checksum code for total EPROM area :
(hex)
(1) Write “FF16” to the lined area.
(2) The area from 0000016 to 0000F16 is for storing
data on the product type name.
The ASCII code for 'M30620M8-' is shown at right.
The data in this table must be written to address
0000016 to 0000F16.
Both address and data are shown in hex.
'M '
= 4D16
0000016
0000116
0000216
0000316
0000416
0000516
0000616
0000716
Address
' — ' = 2D16
0000816
0000916
0000A16
0000B16
0000C16
0000D16
0000E16
0000F16
Address
EPROM type :
27C201
Address
0000016 Product : Area
containing ASCII
code for M30620M8 -
ROM(64K)
0000F16
0001016
2FFFF16
3000016
3FFFF16
Microcomputer type No. :
M30620M8-XXXFP
' 0 '
= 3016
' 6 '
= 3616
' 2 '
= 3216
' 0 '
= 3016
'M '
= 4D16
' 8 '
= 3816
FF16
FF16
FF16
FF16
FF16
FF16
FF16
' 3 '
= 3316
Supervisor
signature
Date :
Section head
signature
Customer
Company
name
Date
issued
Date :
TEL
(
)
Submitted by
Supervisor
1. Check sheet
27C401
Address
0000016 Product : Area
containing ASCII
code for M30620M8 -
ROM(64K)
0000F16
0001016
6FFFF16
7000016
7FFFF16
Name the product you order, and choose which to give in, EPROMs or floppy disks.
If you order by means of EPROMs, three sets of EPROMs are required per pattern. If you order by
means of floppy disks, one floppy disk is required per pattern.
Mitsubishi will create the mask using the data on the EPROMs supplied, providing the data is the
same on at least two of those sets. Mitsubishi will, therefore, only accept liability if there is any
discrepancy between the data on the EPROM sets and the ROM data written to the product.
Please carefully check the data on the EPROMs being submitted to Mitsubishi.
In the case of EPROMs
M30620M8-XXXGP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com