Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 246Page - Renesas Technology Corp M16C/62 Datasheet HTML 247Page - Renesas Technology Corp M16C/62 Datasheet HTML 248Page - Renesas Technology Corp M16C/62 Datasheet HTML 249Page - Renesas Technology Corp M16C/62 Datasheet HTML 250Page - Renesas Technology Corp M16C/62 Datasheet HTML 251Page - Renesas Technology Corp M16C/62 Datasheet HTML 252Page - Renesas Technology Corp M16C/62 Datasheet HTML 253Page - Renesas Technology Corp M16C/62 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description (Flash Memory Version)
235
Item
Power supply voltage
Program/erase voltage
Flash memory operation mode
Erase block
division
Program method
Erase method
Program/erase control method
Protect method
Number of commands
Program/erase count
ROM code protect
Performance
5V version: 2.7V to 5.5 V
(f(XIN)=16MHz, without wait, 4.2V to 5.5V,
f(XIN)=10MHz, with one wait, 2.7V to 5.5V)
3V version: 2.4V to 3.6 V
(f(XIN)=10MHz, without wait, 2.7V to 3.6V,
f(XIN)=7MHz, without wait, 2.4V to 3.6V)
5V version: 4.2V to 5.5 V
(f(XIN)=12.5MHz, with one wait,
f(XIN)=6.25MHz, without wait)
3V version: 2.7V to 3.6 V
(f(XIN)=10MHz, with one wait,
f(XIN)=6.25MHz, without wait)
Three modes (parallel I/O, standard serial I/O, CPU rewrite)
See Figure 1.28.1
One division (8 Kbytes) (Note 1)
In units of pages (in units of 256 bytes)
Collective erase/block erase
Program/erase control by software command
Protected for each block by lock bit
8 commands
100 times
Parallel I/O and standard serial modes are supported.
Note1: The boot ROM area contains a standard serial I/O mode control program which is stored in it when shipped from the factory.
This area can be erased and programmed in only parallel I/O mode.
Note2: Refer to recommended operating conditions about 5 V version. 3V version relationship between main clock oscillation
frequency and supply voltage are as follows.
User ROM area
Boot ROM area
3V version main clock input
oscillation frequency(Max.)
(Note2)
10MHz (VCC=2.7V to 3.6V,without wait)
10 X VCC - 17 MHz (VCC=2.4V to 2.7V,without wait)
3V version power supply
current (Notes 3, 4)
12.0mA(Typ.), 21.25mA(Max.) (VCC=3V, f(XIN)=10MHz, square wave, no division, without wait)
40µA(Typ.) (VCC=3V, f(XCIN)=32kHz, square wave, without wait) [operate in RAM]
Note3: Refer to electric characteristic about 5V version.
Note4: A standard value in stop and wait modes do not depend on a kind of memory to have built-in and is the same class. Refer to
electric characteristic in VCC=3V.
Main clock input oscillation frequency
(flash memory 3V version, without wait)
10.0
7.0
0.0
2.4
2.7
3.6
Supply voltage
[V] (BCLK: no division)
10 X VCC - 17MHZ
700µA(Typ.) (VCC=3V, f(XCIN)=32kHz, square wave, without wait) [operate in flash memory]
Table 1.28.1. Outline Performance of the M16C/62 (flash memory version)
Outline Performance
Table 1.28.1 shows the outline performance of the M16C/62 (flash memory version) and Table 1.28.2
shows the power supply current( Typ.).
5V power supply current(5V version)
f(XIN)=16MHz, without wait, No division
35mA
28mA
25mA
Remark
Division by 4 in program/erase
3V power supply current(5V version)
f(XIN)=10MHz, with wait, No division
13.5mA
-
3V power supply current(3V version)
f(XIN)=10MHz, without wait, No division
12mA
17mA
14mA
-
Parameter
Measuring condition
Standard (Typ.)
Read
Program
Erase
Division by 2 in program/erase
Table 1.28.2. Power supply current (typ.) of the M16C/62 (flash memory version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com