Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708S Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7708S
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708S Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7708S Datasheet HTML 35Page - Renesas Technology Corp SH7708S Datasheet HTML 36Page - Renesas Technology Corp SH7708S Datasheet HTML 37Page - Renesas Technology Corp SH7708S Datasheet HTML 38Page - Renesas Technology Corp SH7708S Datasheet HTML 39Page - Renesas Technology Corp SH7708S Datasheet HTML 40Page - Renesas Technology Corp SH7708S Datasheet HTML 41Page - Renesas Technology Corp SH7708S Datasheet HTML 42Page - Renesas Technology Corp SH7708S Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 633 page
background image
21
T bit: The T bit in the status register (SR) is used to indicate the result of compare operations, and
is read as a TRUE/FALSE condition determining if a conditional branch is taken or not. To
improve processing speed, the T bit logic state is modified only by specific operations. An
example of how the T bit may be used in a sequence of operations is shown below.
ADD
#1, R0
;T bit not modified by ADD operation
CMP/EQ
R1, R0
;T bit set to 1 when R0 = 0
BT
TRGET
;branch taken to TRGET when T bit = 1 (R0 = 0)
Literals: Byte-length literals are inserted directly into the instruction code as immediate data. To
maintain the 16-bit fixed-length instruction code, word or longword literals are stored in a table in
main memory rather than inserted directly into the instruction code. The memory table is accessed
by the MOV instruction using PC-relative addressing with displacement, as follows:
MOV.W
@(disp, PC), R0
Absolute Addresses: As with word and longword literals, absolute addresses must also be stored
in a table in main memory. The value of the absolute address is transferred to a register and the
operand access is specified by indexed register-indirect addressing, with the absolute address
loaded (like word and longword immediate data) during instruction execution.
16-Bit and 32-Bit Displacements: In the same way, 16-bit and 32-bit displacements also must be
stored in a table in main memory. Exactly like absolute addresses, the displacement value is
transferred to a register and the operand access is specified by indexed register-indirect addressing,
loading the displacement (like word and longword immediate data) during instruction execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com