Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708S Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7708S
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708S Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7708S Datasheet HTML 17Page - Renesas Technology Corp SH7708S Datasheet HTML 18Page - Renesas Technology Corp SH7708S Datasheet HTML 19Page - Renesas Technology Corp SH7708S Datasheet HTML 20Page - Renesas Technology Corp SH7708S Datasheet HTML 21Page - Renesas Technology Corp SH7708S Datasheet HTML 22Page - Renesas Technology Corp SH7708S Datasheet HTML 23Page - Renesas Technology Corp SH7708S Datasheet HTML 24Page - Renesas Technology Corp SH7708S Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 633 page
background image
3
Table 1.1
SH7708 Series Features (cont)
Item
Features
Memory
management
unit (MMU)
• 4 Gbytes of address space, 256 address spaces (8-bit ASID)
• Supports single virtual memory mode and multiple virtual memory mode
• Paging system
• Supports multiple page sizes: 1 or 4 kbytes
• 128-entry, 4-way set associative TLB
• Supports software selection of replacement method and random-replacement
algorithms
• Contents of TLB are directly accessible by address mapping
Cache memory
• Choice of operating mode
 Normal mode (8-kbyte cache)
 RAM mode (4-kbyte cache + 4-kbyte RAM)
• Mixed instruction/data, 128 entries, 16-byte block length
 4-way set associative (8-kbyte cache)
 2-way set associative (4-kbyte cache)
• Selectable write method (write-back/write-through), LRU (least recently used)
replacement algorithm
• Single-stage write-back buffer
• Contents of TLB can be accessed directly by address mapping (can be used
as on-chip memory)
Interrupt
controller
(INTC)
• 5 external interrupt pins (NMI, IRL0 to IRL3)
• Encoded input of 15 external interrupt sources via pins IRL0 to IRL3
• On-chip peripheral interrupts: priority levels set for each module
User break
controller
(UBC)
• Supports debugging by user break interrupts
• 2 break channels
• Addresses, data values, type of access, and data size can all be set as break
conditions
• Supports a sequential break function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com