Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7720 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7720
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7720 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7720 Datasheet HTML 82Page - Renesas Technology Corp SH7720 Datasheet HTML 83Page - Renesas Technology Corp SH7720 Datasheet HTML 84Page - Renesas Technology Corp SH7720 Datasheet HTML 85Page - Renesas Technology Corp SH7720 Datasheet HTML 86Page - Renesas Technology Corp SH7720 Datasheet HTML 87Page - Renesas Technology Corp SH7720 Datasheet HTML 88Page - Renesas Technology Corp SH7720 Datasheet HTML 89Page - Renesas Technology Corp SH7720 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 24 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
Y7
U6
VssQ1
I/O power supply (0 V)
Y8
U7
VccQ1
I/O power supply (1.8/3.3 V)
Y9
U8
CS6A/CE2B
Chip select/chip select
O/O
VccQ1
Y10
AA11
VssQ1
I/O power supply (0 V)
Y11
U10
VccQ1
I/O power supply (1.8/3.3 V)
Y12
Y11
CS0
Chip select
O
VccQ1
Y13
Y12
RD
Read strobe
O
VccQ1
Y14
Y13
VssQ1
I/O power supply (0 V)
VccQ1
Y15
Y14
VccQ1
I/O power supply (1.8/3.3 V)
Y16
AA15
VssQ1
I/O power supply (0 V)
Y17
AA16
VccQ1
I/O power supply (1.8/3.3 V)
Y18
AA17
DACK1/PTM5
DMA transfer request reception/
general-purpose port
O/IO
VccQ1
Y19
Y17
CA
Chip active
I
VccQ_
RTC
Y20
AA20
Vcc_RTC
RTC power supply (1.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com