Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30201 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M30201
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 69Page - Renesas Technology Corp M30201 Datasheet HTML 70Page - Renesas Technology Corp M30201 Datasheet HTML 71Page - Renesas Technology Corp M30201 Datasheet HTML 72Page - Renesas Technology Corp M30201 Datasheet HTML 73Page - Renesas Technology Corp M30201 Datasheet HTML 74Page - Renesas Technology Corp M30201 Datasheet HTML 75Page - Renesas Technology Corp M30201 Datasheet HTML 76Page - Renesas Technology Corp M30201 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 415 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer B
60
Symbol
Address
When reset
CPSRF
038116
0XXXXXXX2
Clock prescaler reset flag
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4 b3
b2
b1
b0
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset
(When read, the value is “0”)
CPSR
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Symbol
Address
When reset
TB0
039116, 039016
Indeterminate
TB1
039316, 039216
Indeterminate
b7
b0 b7
b0
(b15)
(b8)
Timer Bi register (Note)
W
R
• Pulse period / pulse width measurement mode
Measures a pulse period or width
• Timer mode
000016 to FFFF16
Counts the timer's period
Function
Values that can be set
• Event counter mode
000016 to FFFF16
Counts external pulses input or a timer overflow
Note1: Read and write data in 16-bit units.
Symbol
Address
When reset
TABSR
038016
000X00002
Count start flag
Bit name
Function
Bit symbol
W
R
b7 b6
b5
b4
b3
b2
b1 b0
Clock devided count start flag
Timer B1 count start flag
Timer B0 count start flag
Timer X2 count start flag
Timer X1 count start flag
Timer X0 count start flag
Timer A0 count start flag
0 : Stops counting
1 : Starts counting
CDCS
TB1S
TB0S
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out
to be indeterminate.
TX2S
TX1S
TX0S
TA0S
0 : Stops counting
1 : Starts counting
Figure 1.50. Timer B-related registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com