Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7763 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7763
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  2026 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7763 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7763 Datasheet HTML 69Page - Renesas Technology Corp SH7763 Datasheet HTML 70Page - Renesas Technology Corp SH7763 Datasheet HTML 71Page - Renesas Technology Corp SH7763 Datasheet HTML 72Page - Renesas Technology Corp SH7763 Datasheet HTML 73Page - Renesas Technology Corp SH7763 Datasheet HTML 74Page - Renesas Technology Corp SH7763 Datasheet HTML 75Page - Renesas Technology Corp SH7763 Datasheet HTML 76Page - Renesas Technology Corp SH7763 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 2026 page
background image
Section 1 Overview
Rev. 1.00 Oct. 01, 2007 Page 7 of 1956
REJ09B0256-0100
Item
Features
DDR-SDRAM
controller (DDRIF)
• DDR-SDRAM interface: 32-bit data bus width
• Supports the DDR266 or DDR200 SDRAM
• DDR-SDRAM refreshing
 Programmable refreshing intervals (auto-refresh mode)
 Self-refresh mode
• Supports a burst length of 2
• Switching of big/little endian for external memory access is possible at
power-on reset
• Capacity and bit width (bits) of connectable memory devices
 128-Mbit DDR-SDRAM (×16), two chips in parallel connection
 256-Mbit DDR-SDRAM (×16), two chips in parallel connection
 512-Mbit DDR-SDRAM (×16), two chips in parallel connection
 1-Gbit DDR-SDRAM (×16), two chips in parallel connection
PCI controller
(PCIC)
• PCI controller (Rev.2.2-compatible)
 32-bit bus
 33 MHz/66 MHz
• Supports PCI master/slave
• Supports the PCI host function
 Built-in bus arbiter
• External input pin for clock exclusively used by the PCI bus
• Interrupt requests can be sent to CPU
Direct memory
access controller
(DMAC)
• Six channels (four channels support external requests)
• Transfer data size: Byte, word (2 bytes), longword (4 bytes), 16 or 32
bytes
• Maximum number of transfers: 16,777,216
• Address mode: Dual address mode
• Bus modes: Selectable from cycle-steal and burst modes
• Transfer requests: Selectable from external request (channels 0 to 3
only), on-chip peripheral module request, and auto-request mode
• Priority: Selectable from fixed channel priority mode and round-robin
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com