Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7763 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7763
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  2026 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7763 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7763 Datasheet HTML 82Page - Renesas Technology Corp SH7763 Datasheet HTML 83Page - Renesas Technology Corp SH7763 Datasheet HTML 84Page - Renesas Technology Corp SH7763 Datasheet HTML 85Page - Renesas Technology Corp SH7763 Datasheet HTML 86Page - Renesas Technology Corp SH7763 Datasheet HTML 87Page - Renesas Technology Corp SH7763 Datasheet HTML 88Page - Renesas Technology Corp SH7763 Datasheet HTML 89Page - Renesas Technology Corp SH7763 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 2026 page
background image
Section 1 Overview
Rev. 1.00 Oct. 01, 2007 Page 20 of 1956
REJ09B0256-0100
Pin No.
Pin Name
I/O
Function
Power
Supply
C22
VSSQ
I/O GND
C23
BS/EX_BS
O/I
Bus cycle start
VCCQ
C24
PTM2/D26/EX_AD26/ST0_D2/
ET0_WOL/RMII0_CRS_DV/
PINT2
IO/IO/IO/IO/O/I/I Port/data bus/address-and-data
bus/ST data/ETHER wake on
run/RMII carrier detection/port
interrupt input
VCCQ
C25
PTM1/D25/EX_AD25/ST0_D1/
ET0_TX-CLK/RMII0_RX_ER/
PINT1
IO/IO/IO/IO/I/I/I
Port/data bus/address-and-data
bus/ST data/ETHER transmit
clock/RMII receive error/port interrupt
input
VCCQ
D1
M_D1
IO
DDR-SDRAM data bus
VCCQ_
DDR
D2
M_D16
IO
DDR-SDRAM data bus
VCCQ_
DDR
D3
VCCQ-DDR
DDR-SDRAM I/O VCC
D4
VSSQ-DDR
DDR-SDRAM I/O GND
D5
VSSQ-DDR
DDR-SDRAM I/O GND
D6
VSSQ-DDR
DDR-SDRAM I/O GND
D7
VCCQ-DDR
DDR-SDRAM I/O VCC
D8
VCCQ-DDR
DDR-SDRAM I/O VCC
D9
VSSQ-DDR
DDR-SDRAM I/O GND
D10
VSSQ-DDR
DDR-SDRAM I/O GND
D11
VCCQ-DDR
DDR-SDRAM I/O VCC
D12
VDD-RTC
RTC VDD
D13
VSSQ
I/O GND
D14
VSSQ
I/O GND
D15
PTK5/ST1_D5/GET0_ERXD5/
SIOF2_RXD/LCD_D7
IO/IO/I/I/O
Port/ST data/ETHER receive
data/SIOF receive data/LCD data
VCCQ
D16
VCCQ
I/O VCC
D17
PTJ6/ST0M_D4I/ET0_CRS/
RMII1_TXD_EN/LCD_FLM
IO/I/I/O/O
Port/ST data (mirror pin)/ETHER
carrier detection/RMII transmit
enable/LCD line marker
VCCQ
D18
PTJ2/ST0M_D0I/
ET0_ERXD0/RMII1_TXD1/
LCD_M_DISP
IO/I/I/O/O
Port/ST data (mirror pin)/ETHER
receive data/RMII transmit data/LCD
liquid crystal AC signal
VCCQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com