Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3850 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 17Page - Renesas Technology Corp 3850 Datasheet HTML 18Page - Renesas Technology Corp 3850 Datasheet HTML 19Page - Renesas Technology Corp 3850 Datasheet HTML 20Page - Renesas Technology Corp 3850 Datasheet HTML 21Page - Renesas Technology Corp 3850 Datasheet HTML 22Page - Renesas Technology Corp 3850 Datasheet HTML 23Page - Renesas Technology Corp 3850 Datasheet HTML 24Page - Renesas Technology Corp 3850 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 261 page
background image
1-6
3850/3851 Group User’s Manual
HARDWARE
GROUP EXPANSION
Mitsubishi plans to expand the 3851 group as follows:
Memory Type
Support for mask ROM and One Time PROM versions.
Memory Size
ROM size ............................................................ 16 K to 24 Kbytes
RAM size .............................................................. 512 to 640 bytes
Packages
42P2R-A ............................................ 42-pin plastic molded SSOP
42P4B ......................................... 42-pin shrink plastic-molded DIP
Fig. 4 Memory expansion plan
Memory Expansion Plan
48K
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
128
192
256
RAM size (bytes)
384
512
640
768
896
1024
M38513E4FP/SP
M38513M4-XXXFP/SP
New production
M38514E6FP/SP
M38514M6-XXXFP/SP
Mass production
GROUP EXPANSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com