Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3850 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 25Page - Renesas Technology Corp 3850 Datasheet HTML 26Page - Renesas Technology Corp 3850 Datasheet HTML 27Page - Renesas Technology Corp 3850 Datasheet HTML 28Page - Renesas Technology Corp 3850 Datasheet HTML 29Page - Renesas Technology Corp 3850 Datasheet HTML 30Page - Renesas Technology Corp 3850 Datasheet HTML 31Page - Renesas Technology Corp 3850 Datasheet HTML 32Page - Renesas Technology Corp 3850 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 261 page
background image
1-14
3850/3851 Group User’s Manual
HARDWARE
Fig. 10 Port block diagram (1)
(1) Port P0, P1
Direction
register
Data bus
Port latch
(2) Port P20
Port XC switch bit
Oscillator
Port P21
Data bus
Port latch
Direction
register
Port XC switch bit
(3) Port P21
Port XC switch bit
Data bus
Port latch
Direction
register
Sub-clock generating circuit input
(4) Port P22
Data bus
Port latch
Direction
register
SDA output
I C-BUS interface enable bit
SDA/SCL pin selection bit
SDA input
2
(5) Port P23
Data bus
Port latch
Direction
register
SCL output
I C-BUS interface enable bit
SDA/SCL pin selection bit
SCL input
2
(6) Port P24
Data bus
Port latch
Direction
register
SDA output
Serial I/O enable bit
Receive enable bit
I C-BUS interface enable bit
SDA/SCL pin selection bit
2
SDA input
Serial I/O input
(7) Port P25
Data bus
Port latch
Direction
register
SCL output
I C bus interface enable bit
SDA/SCL pin selection bit
Serial I/O enable bit
Transmit enable bit
2
SCL input
Serial I/O output
P-channel output disable bit
(8) Port P26
Data bus
Port latch
Direction
register
Serial clock output
Serial I/O mode selection bit
Serial I/O enable bit
Serial I/O enable bit
Serial I/O clock selection bit
External clock input
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com