Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38B5_M Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 38B5_M
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5_M Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 38B5_M Datasheet HTML 69Page - Renesas Technology Corp 38B5_M Datasheet HTML 70Page - Renesas Technology Corp 38B5_M Datasheet HTML 71Page - Renesas Technology Corp 38B5_M Datasheet HTML 72Page - Renesas Technology Corp 38B5_M Datasheet HTML 73Page - Renesas Technology Corp 38B5_M Datasheet HTML 74Page - Renesas Technology Corp 38B5_M Datasheet HTML 75Page - Renesas Technology Corp 38B5_M Datasheet HTML 76Page - Renesas Technology Corp 38B5_M Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 356 page
background image
38B5 Group User’s Manual
1-56
HARDWARE
FUNCTIONAL DESCRIPTION
Interrupt Interval Determination Function
The 38B5 group has an interrupt interval determination circuit.
This interrupt interval determination circuit has an 8-bit binary up
counter. Using this counter, it determines a duration of time from the
rising edge (falling edge) of an input signal pulse on the P47/INT2 pin
to the rising edge (falling edge) of the signal pulse that is input next.
How to determine the interrupt interval is described below.
1. Enable the INT2 interrupt by setting bit 2 of the interrupt control
register 1 (address 003E16). Select the rising interval or falling
interval by setting bit 2 of the interrupt edge selection register
(address 003A16).
2. Set bit 0 of the interrupt interval determination control register
(address 003116) to “1” (interrupt interval determination operat-
ing).
3. Select the sampling clock of 8-bit binary up counter by setting bit
1 of the interrupt interval determination control register. When
writing “0,” f(XIN)/128 is selected (the sampling interval: 32 µs at
f(XIN) = 4.19 MHz); when “1,” f(XIN)/256 is selected (the sampling
interval: 64 µs at f(XIN) = 4.19 MHz).
4. When the signal of polarity which is set on the INT2 pin (rising or
falling edge) is input, the 8-bit binary up counter starts count-
ing up of the selected counter sampling clock.
5. When the signal of polarity above 4 is input again, the value of the
8-bit binary up counter is transferred to the interrupt interval
determination register (address 003016), and the remote control
interrupt request occurs. Immediately after that, the 8-bit binary
up counter continues to count up again from “0016.”
6. When count value reaches “FF16,” the 8-bit binary up counter stops
counting up. Then, simultaneously when the next counter sam-
pling clock is input, the counter sets value “FF16” to the interrupt
interval determination register to generate the counter overflow
interrupt request.
Fig. 60 Interrupt interval determination circuit block diagram
Noise filter
The P47/INT2 pin builds in the noise filter.
The noise filter operation is described below.
1. Select the sampling clock of the input signal with bits 2 and 3 of
the interrupt interval determination control register. When not
using the noise filter, set “00.”
2. The P47/INT2 input signal is sampled in synchronization with the
selected clock. When sampling the same level signal in a series
of three sampling, the signal is recognized as the interrupt
signal, and the interrupt request occurs.
When setting bit 4 of interrupt interval determination control
register to “1,” the interrupt request can occur at both rising and
falling edges.
When using the noise filter, set the minimum pulse width of the
INT2 input signal to 3 cycles or more of the sample clock.
Note: In the low-speed mode (CM7 = 1), the interrupt interval deter-
mination function cannot operate.
f(XIN)/128
f(XIN)/256
1/128
1/64
1/32
f(XIN)
Counter sampling
clock selection bit
INT2 interrupt input
Noise filter
8-bit binary up
counter
Interrupt interval
determination register
address 003016
Data bus
Divider
One-sided/both-sided
detection selection bit
Noise filter sampling
clock selection bit
Counter overflow
interrupt request
or remote control
interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com