Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38B5_M Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 38B5_M
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5_M Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 38B5_M Datasheet HTML 82Page - Renesas Technology Corp 38B5_M Datasheet HTML 83Page - Renesas Technology Corp 38B5_M Datasheet HTML 84Page - Renesas Technology Corp 38B5_M Datasheet HTML 85Page - Renesas Technology Corp 38B5_M Datasheet HTML 86Page - Renesas Technology Corp 38B5_M Datasheet HTML 87Page - Renesas Technology Corp 38B5_M Datasheet HTML 88Page - Renesas Technology Corp 38B5_M Datasheet HTML 89Page - Renesas Technology Corp 38B5_M Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 356 page
background image
1-69
38B5 Group User’s Manual
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
Interrupt
38B5 group permits interrupts on the basis of 21 sources.
It is vector interrupts with a fixed priority system. Accordingly, when
two or more interrupt requests occur during the same sampling, the
Table 13 Interrupt sources, vector addresses and interrupt priority
FUNCTIONAL DESCRIPTION SUPPLEMENT
higher-priority interrupt is accepted first. This priority is determined
by hardware, but various priority processing can be performed by
software, using an interrupt enable bit and an interrupt disable flag.
For interrupt sources, vector addresses and interrupt priority, refer to
Table 13.
Notes 1 : Vector addresses contain interrupt jump destination addresses.
2 : Reset function in the same way as an interrupt with the highest priority.
3 : In the mask option type P, timer 4 interrupt whose count source is CNTR1 input cannot be used.
4 : In the mask option type P, INT3 interrupt cannot be used.
Interrupt source
Reset (Note 2)
INT0
INT1
INT2
Remote control/counter overflow
Serial I/O1
Serial I/O1 automatic transfer
Timer X
Timer 1
Timer 2
Timer 3
Timer 4
Timer 5
Timer 6
Serial I/O2 receive
INT3
Serial I/O2 transmit
INT4
A-D conversion
FLD blanking
FLD digit
BRK instruction
Remarks
Non-maskable
External interrupt (active edge selectable)
External interrupt (active edge selectable)
External interrupt (active edge selectable)
Valid when interrupt interval determination is operating
Valid when serial I/O1 ordinary mode is selected
Valid when serial I/O1 automatic transfer mode is selected
STP release timer underflow
(Note 3)
External interrupt (active edge selectable) (Note 4)
External interrupt (active edge selectable)
Valid when INT4 interrupt is selected
Valid when A-D conversion is selected
Valid when FLD blanking interrupt is selected
Valid when FLD digit interrupt is selected
Non-maskable software interrupt
Priority
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Vector Addresses (Note 1)
High
FFFD16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
FFE916
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
Low
FFFC16
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com