Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STZT2222 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STZT2222
Description  MEDIUM POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STZT2222 Datasheet(HTML) 2 Page - STMicroelectronics

  STZT2222 Datasheet HTML 1Page - STMicroelectronics STZT2222 Datasheet HTML 2Page - STMicroelectronics STZT2222 Datasheet HTML 3Page - STMicroelectronics STZT2222 Datasheet HTML 4Page - STMicroelectronics STZT2222 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-amb
•
Rthj-tab
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Collecor Tab
Max
83.3
10
oC/W
oC/W
• Mounted on a ceramic substrate area = 30 x 35 x 0.7 mm
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = rated VCBO
VCB = rated VCBO
Tamb = 125
oC
10
10
nA
µA
ICEX
Collector Cut-off
Current (VBE = -3V)
VCE = 60 V
for STZT2222A
10
nA
IBEX
Base Cut-off Current
(VBE = -3V)
VCE = 60 V
for STZT2222A
20
nA
IEBO
Emitter Cut-off Current
(IE = 0)
VEB = 3 V
for STZT2222
for STZT2222A
30
15
nA
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = 10
µA
for STZT2222
for STZT2222A
60
75
V
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 10 mA
for STZT2222
for STZT2222A
30
40
V
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 10
µA
for STZT2222
for STZT2222
5
6
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 150 mA
IB = 15 mA
for STZT2222
for STZT2222A
IC = 500 mA
IB = 50 mA
for STZT2222
for STZT2222A
0.4
0.3
1.6
1
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 150 mA
IB = 15 mA
for STZT2222
for STZT2222A
IC = 500 mA
IB = 50 mA
for STZT2222
for STZT2222A
0.6
1.3
1.2
2.6
2
V
V
V
V
hFE
∗
DC Current Gain
IC = 0.1 mA
VCE = 10 V
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 150 mA
VCE = 1 V
IC = 500 mA
VCE = 10 V
for STZT2222
for STZT2222A
IC = 10 mA
VCE = 10 V Tc = -55
o C
for STZT2222
35
50
75
100
50
30
40
35
300
STZT2222/STZT2222A
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com