Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STZT2222 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STZT2222
Description  MEDIUM POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STZT2222 Datasheet(HTML) 3 Page - STMicroelectronics

  STZT2222 Datasheet HTML 1Page - STMicroelectronics STZT2222 Datasheet HTML 2Page - STMicroelectronics STZT2222 Datasheet HTML 3Page - STMicroelectronics STZT2222 Datasheet HTML 4Page - STMicroelectronics STZT2222 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
hfe
∗∗
Small Signal Current
Gain
IC = 1 mA
VCE = 10 V
f = 1 KHz
IC = 10 mA
VCE = 10 V
f = 1 KHz
50
75
300
375
K
Ω
hie
∗∗
Input Impedance
IC = 1 mA
VCE = 10 V
f = 1 KHz
IC = 10 mA
VCE = 10 V
f = 1 KHz
2
0.25
8
1.25
hre
∗∗
Reverse Voltage Ratio
IC = 1 mA
VCE = 10 V
f = 1 KHz
IC = 10 mA
VCE = 10 V
f = 1 KHz
8
4
10
-4
hoe
∗∗
Output Impedance
IC = 1 mA
VCE = 10 V
f = 1 KHz
IC = 10 mA
VCE = 10 V
f = 1 KHz
5
25
35
375
S
fT
Transition Frequency
IC = 10 mA VCE = 10 V f = 100 MHz
for STZT2222
for STZT2222A
250
300
MHz
MHz
CCBO
Collector-Base
Capacitance
IE = 0
VCB = 10 V
f = 1 MHz
8
pF
CEBO
Emitter-Base
Capacitance
IC = 0
VEB = 0.5 V
f = 1 MHz
for STZT2222
for STZT2222A
30
25
pF
pF
NF
Noise Figure
f = 1 KHz
∆F = 200 Hz RG = 1KΩ
IC = 0.1 mA
VCE = 10 V
4dB
td
Delay Time
IC = 150 mA
IC1 = 15 mA
VBE = -0.5 V
10
ns
tr
Rise Time
25
ns
ts
Storage Time
IC = 150 mA
IC1 = 15 mA
IB2 = 15 mA
225
ns
tf
Fall Time
60
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
∗∗ Only for STZT2222A
STZT2222/STZT2222A
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com