Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7751 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 87Page - Renesas Technology Corp 7751 Datasheet HTML 88Page - Renesas Technology Corp 7751 Datasheet HTML 89Page - Renesas Technology Corp 7751 Datasheet HTML 90Page - Renesas Technology Corp 7751 Datasheet HTML 91Page - Renesas Technology Corp 7751 Datasheet HTML 92Page - Renesas Technology Corp 7751 Datasheet HTML 93Page - Renesas Technology Corp 7751 Datasheet HTML 94Page - Renesas Technology Corp 7751 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 540 page
background image
TIMER A
7751 Group User’s Manual
5–10
5.3 Timer mode
Fig. 5.3.1 Structures of timer Ai mode register and timer Ai register in timer mode
b7
b0
b7
b0
(b15)
(b8)
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 These bits can be set to “0000 16” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by n + 1.
When reading, the register indicates the
counter value.
Undefined
RW
Gate function select bits
Pulse output function select bit
1
Operating mode select bits
Bit name
Functions
b7 b6
b5 b4 b3
b2 b1 b0
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
0 0 : Timer mode
0 : No pulse output
(TAiOUT pin functions as a programmable
I/O port.)
1 : Pulse output
(TAiOUT pin functions as a pulse output
pin.)
0 0 : f2/f4
0 1 : f16/f32
1 0 : f64/f128
1 1 : f512/f1024
b7 b6
Count source select bits
b1 b0
b4 b3
0
0
0 0 :
No gate function
0 1 : (TAiIN pin functions as a prog-
rammable I/O port.)
1 0 : Gate function
(Counter counts only while TAi IN
pin’s input signal is “L” level.)
1 1 : Gate function
(Counter counts only while TAi IN
pin’s input signal is “H” level.)
Bit
4
At reset
RW
0
2
0RW
0RW
0
RW
3
0RW
0
RW
5
0
RW
6
7
0RW
0
RW
Fix this bit to “0” in the timer mode.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com