Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7751 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7751
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  540 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7751 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7751 Datasheet HTML 25Page - Renesas Technology Corp 7751 Datasheet HTML 26Page - Renesas Technology Corp 7751 Datasheet HTML 27Page - Renesas Technology Corp 7751 Datasheet HTML 28Page - Renesas Technology Corp 7751 Datasheet HTML 29Page - Renesas Technology Corp 7751 Datasheet HTML 30Page - Renesas Technology Corp 7751 Datasheet HTML 31Page - Renesas Technology Corp 7751 Datasheet HTML 32Page - Renesas Technology Corp 7751 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 540 page
background image
CENTRAL PROCESSING UNIT (CPU)
7751 Group User’s Manual
2–10
2.2 Bus interface unit
2.2 Bus interface unit
A bus interface unit (BIU) is built-in between the central processing unit (CPU) and memory•I/O devices.
BIU’s function and operation are described below.
When externally connecting devices, refer to “Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”
2.2.1 Overview
Transfer operation between the CPU and memory•I/O devices is always performed via the BIU.
Figure 2.2.1 shows the bus and bus interface unit (BIU).
Œ The BIU reads an instruction from the memory before the CPU executes it.
 When the CPU reads data from the memory•I/O device, the CPU first specifies the address from which
data is read to the BIU. The BIU reads data from the specified address and passes it to the CPU.
Ž When the CPU writes data to the memory•I/O device, the CPU first specifies the address to which data
is written to the BIU and write data. The BIU writes the data to the specified address.
 To perform the above operations Œ to Ž, the BIU inputs and outputs the control signals, and control the
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com