Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32170 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 35Page - Renesas Technology Corp 32170 Datasheet HTML 36Page - Renesas Technology Corp 32170 Datasheet HTML 37Page - Renesas Technology Corp 32170 Datasheet HTML 38Page - Renesas Technology Corp 32170 Datasheet HTML 39Page - Renesas Technology Corp 32170 Datasheet HTML 40Page - Renesas Technology Corp 32170 Datasheet HTML 41Page - Renesas Technology Corp 32170 Datasheet HTML 42Page - Renesas Technology Corp 32170 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 881 page
background image
1
1-16
32170/32174 Group User's Manual (Rev. 2.1)
Real-time
debugger
TXD1
Transmit data
Output
Transmit data output pin for serial I/O channel 1.
RXD1
Receive data
Input
Receive data input pin for serial I/O channel 1.
TXD2
Transmit data
Output
Transmit data output pin for serial I/O channel 2.
RXD2
Receive data
Input
Receive data input pin for serial I/O channel 2.
TXD3
Transmit data
Output
Transmit data output pin for serial I/O channel 3.
RXD3
Receive data
Input
Receive data input pin for serial I/O channel 3.
TXD4
Transmit data
Output
Transmit data output pin for serial I/O channel 4.
RXD4
Receive data
Input
Receive data input pin for serial I/O channel 4.
TXD5
Transmit data
Output
Transmit data output pin for serial I/O channel 5.
RXD5
Receive data
Input
Receive data input pin for serial I/O channel 5.
RTDTXD
Transmit data
Output
Serial data output pin for the real-time debugger.
RTDRXD
Receive data
Input
Serial data input pin for the real-time debugger.
RTDCLK
Clock input
Input
Serial data transmit/receive clock input pin for the
real-time debugger.
RTDACK
Acknowledge
Output
This pin outputs a low pulse synchronously with the beginning
clock of the real-time debugger's serial data output word. The
duration of this low pulse indicates the type of command/data
that the real-time debugger has received.
Flash
FP
Flash Protect
Input
This mode pin has a function to protect the flash
-only
memory against E/W in hardware.
CAN
CTX
Data output
Output
This pin outputs data from the CAN module.
CRX
Data input
Input
This pin is used to input data to the CAN module.
JTAG
JTMS
Test mode
Input
Test mode select input to control state transition of the
test circuit.
JTCK
clock
Input
Clock input for the debug module and test circuit.
JTRST
Test reset
Input
Test reset input to initialize the test circuit
asynchronously.
JTDI
Serial input
Input
This pin is used to input test instruction code or test
data serially.
JTDO
Serial output
Output
This pin outputs test instruction code or test data
serially.
OVERVIEW
1.3 Pin Function
Table 1.3.1 Description of the 32170 Pin Function (4/6)
Type
Pin Name Signal Name
Input/Output Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com