Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32170 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 89Page - Renesas Technology Corp 32170 Datasheet HTML 90Page - Renesas Technology Corp 32170 Datasheet HTML 91Page - Renesas Technology Corp 32170 Datasheet HTML 92Page - Renesas Technology Corp 32170 Datasheet HTML 93Page - Renesas Technology Corp 32170 Datasheet HTML 94Page - Renesas Technology Corp 32170 Datasheet HTML 95Page - Renesas Technology Corp 32170 Datasheet HTML 96Page - Renesas Technology Corp 32170 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 881 page
background image
3
3-32
32170/32174 Group User's Manual (Rev. 2.1)
ADDRESS SPACE
3.6 ICU Vector Table
Figure 3.6.2 ICU Vector Table (2/2)
H'0000 00C8
Address
D0
D7
+0 Address
+1 Address
D8
D15
H'0000 00CA
DMA0-4 Interrupt Handler Start Address (A0-A15)
DMA0-4 Interrupt Handler Start Address (A16-A31)
H'0000 00CC
H'0000 00CE
H'0000 00D0
H'0000 00D2
H'0000 00D4
H'0000 00D6
H'0000 00D8
H'0000 00DA
H'0000 00DC
H'0000 00DE
SIO1 Receive Interrupt Handler Start Address (A0-A15)
SIO1 Receive Interrupt Handler Start Address (A16-A31)
SIO1 Transmit Interrupt Handler Start Address (A0-A15)
SIO1 Transmit Interrupt Handler Start Address (A16-A31)
A-D0 Conversion Interrupt Handler Start Address (A0-A15)
A-D0 Conversion Interrupt Handler Start Address (A16-A31)
H'0000 00E0
H'0000 00E2
H'0000 00E4
H'0000 00E6
H'0000 00E8
H'0000 00EA
H'0000 00EC
H'0000 00EE
TID0 Output Interrupt Handler Start Address (A0-A15)
TID0 Output Transmit Interrupt Handler Start Address (A16-A31)
TOD0 Output Interrupt Handler Start Address (A0-A15)
TOD0 Output Interrupt Handler Start Address (A16-A31)
DMA5-9 Interrupt Handler Start Address (A0-A15)
DMA5-9 Interrupt Handler Start Address (A16-A31)
SIO2,3 Transmit/Receive Interrupt Handler Start Address (A0-A15)
SIO2,3 Transmit/Receive Interrupt Handler Start Address (A16-A31)
H'0000 00F0
H'0000 00F2
RTD Interrupt Handler Start Address (A0-A15)
RTD Interrupt Handler Start Address (A16-A31)
H'0000 00F4
H'0000 00F6
TID1 Output Interrupt Handler Start Address (A0-A15)
TID1 Output Interrupt Handler Start Address (A16-A31)
H'0000 00F8
H'0000 00FA
TOD1+TOM0 Output Interrupt Handler Start Address (A0-A15)
TOD1+TOM0 Output Interrupt Handler Start Address (A16-A31)
H'0000 00FC
H'0000 00FE
SIO4,5 Transmit/Receive Interrupt Handler Start Address (A0-A15)
SIO4,5 Transmit/Receive Interrupt Handler Start Address (A16-A31)
H'0000 0100
H'0000 0102
A-D1 Conversion Interrupt Handler Start Address (A0-A15)
A-D1 Conversion Interrupt Handler Start Address (A16-A31)
H'0000 0104
H'0000 0106
TID2 Output Interrupt Handler Start Address (A0-A15)
TID2 Output Interrupt Handler Start Address (A16-A31)
H'0000 0108
H'0000 010A
TML1 Input Interrupt Handler Start Address (A0-A15)
TML1 Input Interrupt Handler Start Address (A16-A31)
H'0000 010C
H'0000 010E
CAN0 Transmit/Receive & Error Interrupt Handler Start Address (A0-A15)
CAN0 Transmit/Receive & Error Interrupt Handler Start Address (A16-A31)
SIO0 Receive Interrupt Handler Start Address (A0-A15)
SIO0 Receive Interrupt Handler Start Address (A16-A31)
SIO0 Transmit Interrupt Handler Start Address (A0-A15)
SIO0 Transmit Interrupt Handler Start Address (A16-A31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com