Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C3 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 42Page - Renesas Technology Corp 38C3 Datasheet HTML 43Page - Renesas Technology Corp 38C3 Datasheet HTML 44Page - Renesas Technology Corp 38C3 Datasheet HTML 45Page - Renesas Technology Corp 38C3 Datasheet HTML 46Page - Renesas Technology Corp 38C3 Datasheet HTML 47Page - Renesas Technology Corp 38C3 Datasheet HTML 48Page - Renesas Technology Corp 38C3 Datasheet HTML 49Page - Renesas Technology Corp 38C3 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 224 page
background image
38C3 Group User’s Manual
HARDWARE
1-31
LCD DRIVE CONTROL CIRCUIT
The 38C3 group has the built-in Liquid Crystal Display (LCD) drive
control circuit consisting of the following.
•
LCD display RAM
•
Segment output enable register
•
LCD mode register
•
Selector
•
Timing controller
•
Common driver
•
Segment driver
•
Bias control circuit
A maximum of 32 segment output pins and 4 common output pins
can be used.
Up to 128 pixels can be controlled for a LCD display. When the LCD
enable bit is set to “1” after data is set in the LCD mode register, the
Fig. 29 Structure of LCD related registers
segment output enable register, and the LCD display RAM, the LCD
drive control circuit starts reading the display data automatically, per-
forms the bias control and the duty ratio control, and displays the
data on the LCD panel.
Table 10 Maximum number of display pixels at each duty ratio
Duty ratio
1
2
3
4
Maximum number of display pixels
32 dots
or 8 segment LCD 4 digits
64 dots
or 8 segment LCD 8 digits
96 dots
or 8 segment LCD 12 digits
128 dots
or 8 segment LCD 16 digits
FUNCTIONAL DESCRIPTION
Segment output enable bit 0
0 : I/O ports P20–P23
1 : Segment output SEG0–SEG3
Segment output enable bit 1
0 : I/O ports P24–P27
1 : Segment output SEG4–SEG7
Segment output enable bit 2
0 : I/O ports P00–P03
1 : Segment output SEG8–SEG11
Segment output enable bit 3
0 : I/O ports P04–P07
1 : Segment output SEG12–SEG15
Segment output enable bit 4
0 : I/O ports P10–P13
1 : Segment output SEG16–SEG19
Segment output enable bit 5
0 : I/O ports P14–P17
1 : Segment output SEG20–SEG23
Segment output enable bit 6
0 : Output ports P30–P33
1 : Segment output SEG24–SEG27
Segment output enable bit 7
0 : Output ports P34–P37
1 : Segment output SEG28–SEG31
Segment output enable register
(SEG : address 003816)
b7
b0
LCD mode register
(LM : address 003916)
Duty ratio selection bits
0 0 : 1 (use COM0)
0 1 : 2 (use COM0,COM1)
1 0 : 3 (use COM0–COM2)
1 1 : 4 (use COM0–COM3)
Bias control bit
0 : 1/3 bias
1 : 1/2 bias
LCD enable bit
0 : LCD OFF
1 : LCD ON
Not used (returns “0” when read)
(Do not write “1” to this bit.)
LCD circuit divider division ratio selection bits
0 0 : Clock input
0 1 : 2 division of clock input
1 0 : 4 division of clock input
1 1 : 8 division of clock input
LCDCK count source selection bit (Note)
0 : f(XCIN)/32
1 : f(XIN)/8192 (f(XCIN)/8192 in low-speed mode)
Note : LCDCK is a clock for a LCD timing controller.
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com