Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C3 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 60Page - Renesas Technology Corp 38C3 Datasheet HTML 61Page - Renesas Technology Corp 38C3 Datasheet HTML 62Page - Renesas Technology Corp 38C3 Datasheet HTML 63Page - Renesas Technology Corp 38C3 Datasheet HTML 64Page - Renesas Technology Corp 38C3 Datasheet HTML 65Page - Renesas Technology Corp 38C3 Datasheet HTML 66Page - Renesas Technology Corp 38C3 Datasheet HTML 67Page - Renesas Technology Corp 38C3 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 224 page
background image
1-49
38C3 Group User’s Manual
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
Figures 49 shows the A-D conversion equivalent circuit, and Figure
50 shows the A-D conversion timing chart.
Fig. 49 A-D conversion equivalent circuit
Fig. 50 A-D conversion timing chart
VSS
VCC
VSS
VCC
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
VREF
AVSS
Vref
VIN
About 2 k
Ω
C
b1
b2b0
A-D control
register
Built-in
D-A converter
Reference
clock
A-D conversion register (high-order)
AD conversion interrupt request
Chopper
amplifier
Sampling
clock
A-D conversion register
(low-order)
Write signal for A-D
control register
AD conversion
completion bit
Sampling clock
φ
61 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com