Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7478 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7478
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 87Page - Renesas Technology Corp 7478 Datasheet HTML 88Page - Renesas Technology Corp 7478 Datasheet HTML 89Page - Renesas Technology Corp 7478 Datasheet HTML 90Page - Renesas Technology Corp 7478 Datasheet HTML 91Page - Renesas Technology Corp 7478 Datasheet HTML 92Page - Renesas Technology Corp 7478 Datasheet HTML 93Page - Renesas Technology Corp 7478 Datasheet HTML 94Page - Renesas Technology Corp 7478 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-74
HARDWARE
1.12 Timers
(4) External pulse width measurement mode
The external pulse width measurement mode is used to measure a pulse width (“H” or “L”) input from
the CNTR0 or CNTR1 pin.
The operations in the external pulse width measuring mode are described below.
1 Start of count operation
After the count stop bit is cleared to “0,” a count operation starts. Each time a count source is
input, the contents of the timer are decremented by 1.
Note: Because the count stop bit is “0” immediately after reset release, the count operation is
automatically started after reset release but the count source is not a CNTR pin input.
At this time, the external pulse width measurement mode is not provided.
2 Reload operation
When the timer overflows, the value resulting from decrementing 1 from the contents of the timer
latch is transferred (reloaded) to the timer.
3 External pulse width measurement mode
q The “H” or “L” level of a pulse can be selected as a pulse measuring period by the Edge polarity
selection register.
q The difference between the initial value of the timer and the counter value at a count stop
becomes a measured pulse width.
q A reload operation by reading the count value is not performed automatically. To perform
measurement continuously, re-set the initial value by software.
4 Interrupt operation
2Timer interrupt
When the timer overflows, an interrupt request occurs, so that the interrupt request bit is set to
“1.” The acceptance of interrupt is controlled by the interrupt enable bit of each timer.
2CNTR interrupt
An interrupt request is generated from the edge of the pulse input from the CNTR0 pin or the
CNTR1 pin, so that the interrupt request bit is set to “1.” Interrupt acceptance is controlled by
the interrupt enable bit.
The pulse active edge and the CNTR0/CNTR1 interrupt are selected by the Edge polarity selection
register.
5 Stop of count operation
The count operation terminates at the falling edge (at “H” level pulse width measurement) or the
falling edge (“L” level pulse width measurement) of the CNTR pin input. This operation is also
terminated by setting "1" in the count stop bit by software.
Figure 1.12.6 shows an example of the operation of the external pulse width measurement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com