Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7478 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7478
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 17Page - Renesas Technology Corp 7478 Datasheet HTML 18Page - Renesas Technology Corp 7478 Datasheet HTML 19Page - Renesas Technology Corp 7478 Datasheet HTML 20Page - Renesas Technology Corp 7478 Datasheet HTML 21Page - Renesas Technology Corp 7478 Datasheet HTML 22Page - Renesas Technology Corp 7478 Datasheet HTML 23Page - Renesas Technology Corp 7478 Datasheet HTML 24Page - Renesas Technology Corp 7478 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 354 page
background image
HARDWARE
1.2 Group expansion
7470/7471/7477/7478 GROUP USER’S MANUAL
1-4
Fig. 1.2.1 Memory expansion plan of 7470/7471/7477/7478 group
(As of Dec. 1997)
ROM size
(bytes)
RAM size
(bytes)
16K
8K
4K
128
192
384
256
12K
0
qMemory Expansion Plan of 7470/7471 group
M37470M2-XXXSP
M37471M2-XXXSP/FP
M37470M4/E4-XXXSP
M37471M4/E4-XXXSP/FP
M37470M8/E8-XXXSP
M37471M8/E8-XXXSP/FP
M37471E8SS
RAM size
(bytes)
16K
8K
4K
192
384
12K
256
0
ROM size
(bytes)
qMemory Expansion Plan of 7477/7478 group
128
M37477M4-XXXSP/FP
M37478M4-XXXSP/FP
M37477M8/E8-XXXSP/FP
M37478M8/E8-XXXSP/FP
M37478E8SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com