Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3802_M Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 3802_M
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3802_M Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 3802_M Datasheet HTML 69Page - Renesas Technology Corp 3802_M Datasheet HTML 70Page - Renesas Technology Corp 3802_M Datasheet HTML 71Page - Renesas Technology Corp 3802_M Datasheet HTML 72Page - Renesas Technology Corp 3802_M Datasheet HTML 73Page - Renesas Technology Corp 3802_M Datasheet HTML 74Page - Renesas Technology Corp 3802_M Datasheet HTML 75Page - Renesas Technology Corp 3802_M Datasheet HTML 76Page - Renesas Technology Corp 3802_M Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 208 page
background image
APPLICATION
2.2 Timer
2-15
3802 GROUP USER’S MANUAL
(3) Timer application example 2 : Piezoelectric buzzer output
Outline : The rectangular waveform output function of a timer is applied for a piezoelectric buzzer
output.
Specifications : • The rectangular waveform resulting from dividing clock f(XIN) = 4.19 MHz into about
2 kHz (2048 Hz) is output from the P54/CNTR0 pin.
• The level of the P54/CNTR0 pin fixes to “H” while a piezoelectric buzzer output is
stopped.
Figure 2.2.13 shows an example of a peripheral circuit, and Figure 2.2.14 shows a connection of the
timer and setting of the division ratio.
Fig. 2.2.13 Example of a peripheral circuit
Fig. 2.2.14 Connection of the timer and setting of the division ratio [Piezoelectric buzzer output]
244 µ s
244 µ s
3802 group
PiPiPi....
P54/CNTR0
Set a division ratio so that the underflow output cycle of the Timer X becomes this value.
The “H” level is output while a piezoelectric buzzer output is stopped.
CNTR0 output
1/16
1/2
f(XIN) = 4.19 MHz
Fixed
Timer X
Fixed
1/64
CNTR0
1
Prescaler X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com