Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3802_M Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 3802_M
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3802_M Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 3802_M Datasheet HTML 82Page - Renesas Technology Corp 3802_M Datasheet HTML 83Page - Renesas Technology Corp 3802_M Datasheet HTML 84Page - Renesas Technology Corp 3802_M Datasheet HTML 85Page - Renesas Technology Corp 3802_M Datasheet HTML 86Page - Renesas Technology Corp 3802_M Datasheet HTML 87Page - Renesas Technology Corp 3802_M Datasheet HTML 88Page - Renesas Technology Corp 3802_M Datasheet HTML 89Page - Renesas Technology Corp 3802_M Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 208 page
background image
2-28
3802 GROUP USER’S MANUAL
APPLICATION
2.3 Serial I/O
Timer X interrupt request
bit
Serial I/O1 receive interrupt
request bit
Interrupt request register 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset RW
0
1
2
3
0
0
0
0
Interrupt request reigster 1 (IREQ1) [Address : 3C16]
Name
INT0 interrupt request bit
INT1 interrupt request bit
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
Serial I/O1 transmit interrupt
request bit
T
T
T
T
Timer Y interrupt request bit
4
5
6
7
0
0
0
0
Timer 1 interrupt request bit
0 : No interrupt request
1 : Interrupt request
Timer 2 interrupt request bit
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
T
T
T
T
T “0” is set by software, but not “1.”
Timer X interrupt request bit
Fig. 2.3.10 Structure of Interrupt request register 1
Fig. 2.3.11 Structure of Interrupt request register 2
Interrupt request register 2
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
0
0
0
0
Interrupt request reigster 2 (IREQ2) [Address : 3D16]
Name
CNTR0 interrupt request bit
CNTR1 interrupt request bit
Serial I/O2 interrupt request bit
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
INT2 interrupt request bit
T
T
T
T
5
6
7
0
0
0 : No interrupt request
1 : Interrupt request
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0.”
AD conversion interrupt
request bit
INT4 interrupt request bit
0 : No interrupt request
1 :Interrupt request
T
T
T “0” is set by software, but not “1.”
4
0
0 : No interrupt request
1 : Interrupt request
INT3 interrupt request bit
T
0
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com