Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP102 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments TMP102 Datasheet HTML 10Page - Texas Instruments TMP102 Datasheet HTML 11Page - Texas Instruments TMP102 Datasheet HTML 12Page - Texas Instruments TMP102 Datasheet HTML 13Page - Texas Instruments TMP102 Datasheet HTML 14Page - Texas Instruments TMP102 Datasheet HTML 15Page - Texas Instruments TMP102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TIMING DIAGRAMS
TMP102
SBOS397B – AUGUST 2007 – REVISED OCTOBER 2008 ............................................................................................................................................... www.ti.com
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not
The TMP102 is two-wire and SMBus compatible.
limited and is determined by the master device. It is
Figure
12
to
Figure
15
describe
the
various
also possible to use the TMP102 for single byte
operations on the TMP102. Parameters for Figure 12
updates. To update only the MS byte, terminate the
are defined in Table 13. Bus definitions are:
communication
by
issuing
a
START
or
STOP
communication on the bus.
Bus Idle: Both SDA and SCL lines remain high.
Acknowledge:
Each
receiving
device,
when
Start Data Transfer: A change in the state of the
addressed, is obliged to generate an Acknowledge
SDA line, from high to low, while the SCL line is high,
bit. A device that acknowledges must pull down the
defines a START condition. Each data transfer is
SDA line during the Acknowledge clock pulse in such
initiated with a START condition.
a way that the SDA line is stable low during the high
Stop Data Transfer: A change in the state of the
period of the Acknowledge clock pulse. Setup and
SDA line from low to high while the SCL line is high
hold times must be taken into account. On a master
defines a STOP condition. Each data transfer is
receive, the termination of the data transfer can be
terminated
with
a
repeated
START
or
STOP
signaled
by
the
master
generating
a
condition.
Not-Acknowledge ('1') on the last byte that has been
transmitted by the slave.
Table 13. Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
f(SCL)
SCL Operating Frequency, VS > 1.7V
0.001
0.4
0.001
3.4
MHz
f(SCL)
SCL Operating Frequency, VS < 1.7V
0.001
0.4
0.001
2.75
MHz
Bus Free Time Between STOP and START
t(BUF)
600
160
ns
Condition
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated START Condition Setup Time
100
100
ns
t(SUSTO)
STOP Condition Setup Time
100
100
ns
t(HDDAT)
Data Hold Time
0
0
ns
t(SUDAT)
Data Setup Time
100
10
ns
t(LOW)
SCL Clock Low Period, VS > 1.7V
1300
160
ns
t(LOW)
SCL Clock Low Period, VS < 1.7V
1300
200
ns
t(HIGH)
SCL Clock High Period
600
60
ns
tF
Clock/Data Fall Time
300
ns
tR
Clock/Data Rise Time
300
160
ns
tR
Clock/Data Rise Time for SCLK
≤ 100kHz
1000
ns
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com