Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102 Datasheet(HTML) 3 Page - Texas Instruments

  TMP102 Datasheet HTML 1Page - Texas Instruments TMP102 Datasheet HTML 2Page - Texas Instruments TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ELECTRICAL CHARACTERISTICS
TMP102
www.ti.com ............................................................................................................................................... SBOS397B – AUGUST 2007 – REVISED OCTOBER 2008
At TA = +25°C and VS = +1.4V to +3.6V, unless otherwise noted.
TMP102
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
+125
°C
Accuracy (Temperature Error)
–25°C to +85°C
0.5
2
°C
–40°C to +125°C
1
3
°C
vs Supply
0.2
0.5
°C/V
Resolution
0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7 (V+)
3.6
V
VIL
–0.5
0.3 (V+)
V
Input Current
IIN
0 < VIN < 3.6V
1
µA
Output Logic Levels:
VOL SDA
V+ > 2V, IOL = 3mA
0
0.4
V
V+ < 2V, IOL = 3mA
0
0.2 (V+)
V
VOL ALERT
V+ > 2V, IOL = 3mA
0
0.4
V
V+ < 2V, IOL = 3mA
0
0.2 (V+)
V
Resolution
12
Bit
Conversion Time
26
35
ms
Conversion Modes
CR1 = 0, CR0 = 0
0.25
Conv/s
CR1 = 0, CR0 = 1
1
Conv/s
CR1 = 1, CR0 = 0 (default)
4
Conv/s
CR1 = 1, CR0 = 1
8
Conv/s
Timeout Time
30
40
ms
POWER SUPPLY
Operating Supply Range
+1.4
+3.6
V
Quiescent Current
IQ
Serial Bus Inactive, CR1 = 1, CR0 = 0 (default)
7
10
µA
Serial Bus Active, SCL Frequency = 400kHz
15
µA
Serial Bus Active, SCL Frequency = 3.4MHz
85
µA
Shutdown Current
ISD
Serial Bus Inactive
0.5
1
µA
Serial Bus Active, SCL Frequency = 400kHz
10
µA
Serial Bus Active, SCL Frequency = 3.4MHz
80
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Thermal Resistance, SOT563
θ
JA
260
°C/W
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com