Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM335 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 55Page - Texas Instruments TMS320DM335 Datasheet HTML 56Page - Texas Instruments TMS320DM335 Datasheet HTML 57Page - Texas Instruments TMS320DM335 Datasheet HTML 58Page - Texas Instruments TMS320DM335 Datasheet HTML 59Page - Texas Instruments TMS320DM335 Datasheet HTML 60Page - Texas Instruments TMS320DM335 Datasheet HTML 61Page - Texas Instruments TMS320DM335 Datasheet HTML 62Page - Texas Instruments TMS320DM335 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 158 page
background image
3
Detailed Device Description
3.1 ARM Subsystem Overview
3.1.1
Components of the ARM Subsystem
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
This section provides a detailed overview of the DM335 device.
The ARM Subsystem contains components required to provide the ARM926EJ-S (ARM) master control of
the overall DM335 system, including the components of the ARM Subsystem, the peripherals, and the
external memories.
The ARM is responsible for handling system functions such as system-level initialization, configuration,
user interface, user command execution, connectivity functions, interface and control of the subsystem,
etc. The ARM is master and performs these functions because it has a large program memory space and
fast context switching capability, and is thus suitable for complex, multi-tasking, and general-purpose
control tasks.
The ARM Subsystem in DM335 consists of the following components:
• ARM926EJ-S RISC processor, including:
–
coprocessor 15 (CP15)
–
MMU
–
16KB Instruction cache
–
8KB Data cache
–
Write Buffer
–
Java accelerator
• ARM Internal Memories
–
32KB Internal RAM (32-bit wide access)
–
8KB Internal ROM (ARM bootloader for non-AEMIF boot options)
• Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
• System Control Peripherals
–
ARM Interrupt Controller
–
PLL Controller
–
Power and Sleep Controller
–
System Control Module
The ARM also manages/controls all the device peripherals:
• DDR2 / mDDR EMIF Controller
• AEMIF Controller, including the OneNAND and NAND flash interface
• Enhanced DMA (EDMA)
• UART
• Timers
• Real Time Out (RTO)
• Pulse Width Modulator (PWM)
• Inter-IC Communication (I2C)
• Multi-Media Card/Secure Digital (MMC/SD)
• Audio Serial Port (ASP)
• Universal Serial Bus Controller (USB)
• Serial Port Interface (SPI)
• Video Processing Front End (VPFE)
–
CCD Controller (CCDC)
Submit Documentation Feedback
Detailed Device Description
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com